Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640BDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 19Page - Texas Instruments ISO1640BDR Datasheet HTML 20Page - Texas Instruments ISO1640BDR Datasheet HTML 21Page - Texas Instruments ISO1640BDR Datasheet HTML 22Page - Texas Instruments ISO1640BDR Datasheet HTML 23Page - Texas Instruments ISO1640BDR Datasheet HTML 24Page - Texas Instruments ISO1640BDR Datasheet HTML 25Page - Texas Instruments ISO1640BDR Datasheet HTML 26Page - Texas Instruments ISO1640BDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
+
Output
-
GNDx
GNDy
VCCx
Ry
VCCy
SDAx or
SCLx
+
Output
GNDx
GNDy
VCCx
Ry
VCCy
0 V
Side x, Side y VCCx,VCCy
Ry
1, 2
3.3 V, 3.3 V 95.3 Ω
2, 1
3.3 V, 3.3 V 953 Ω
or
SDAx or
SCLx
VCCx or
VCCy
Output
VCCx (UVLO+)
0 .9 V
t
UVLO
VCCy
0 V
VCCx
Figure 7-4. tUVLO Test Circuit and Timing Diagrams
www.ti.com
ISO1640, ISO1641, ISO1644
SLLSFC2C – MAY 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ISO1640 ISO1641 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com