Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640BDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 5Page - Texas Instruments ISO1640BDR Datasheet HTML 6Page - Texas Instruments ISO1640BDR Datasheet HTML 7Page - Texas Instruments ISO1640BDR Datasheet HTML 8Page - Texas Instruments ISO1640BDR Datasheet HTML 9Page - Texas Instruments ISO1640BDR Datasheet HTML 10Page - Texas Instruments ISO1640BDR Datasheet HTML 11Page - Texas Instruments ISO1640BDR Datasheet HTML 12Page - Texas Instruments ISO1640BDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
SPECIFICATIONS
UNIT
DW
D
IEC 60664-1
CLR
External clearance(1)
Side 1 to side 2 distance through air
>8
4
mm
CPG
External Creepage(1)
Side 1 to side 2 distance across package
surface
>8
4
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
>17
>17
µm
CTI
Comparative tracking index
IEC 60112; UL 746A
>600
>400
V
Material Group
According to IEC 60664-1
I
II
Overvoltage category
Rated mains voltage ≤ 150 VRMS
I-IV
I-IV
Rated mains voltage ≤ 300 VRMS
I-IV
I-III
Rated mains voltage ≤ 600 VRMS
I-IV
n/a
Rated mains voltage ≤ 1000 VRMS
I-III
n/a
DIN V VDE V 0884-11:2017-01(2)
VIORM
Maximum repetitive peak isolation voltage
AC voltage (bipolar)
2121
637
VPK
VIOWM
Maximum isolation working voltage
AC voltage (sine wave); time-dependent
dielectric breakdown (TDDB) test;
1500
450
VRMS
DC voltage
2121
637
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM , t = 60 s (qualification); VTEST
= 1.2 × VIOTM, t = 1 s (100% production)
7071
4242
VPK
VIOSM
Maximum surge isolation voltage(3)
Test method per IEC 62368-1, 1.2/50 µs
waveform, VTEST = 1.3 × VIOSM = 6,500 VPK
(Basic qualification) Test method per IEC
62368-1, 1.2/50 µs waveform, VTEST = 1.6 ×
VIOSM = 10,000 VPK (Reinforced qualification)
6250
5000
VPK
qpd
Apparent charge(4)
Method a: After I/O safety test subgroup 2/3,
Vini = VIOTM, tini = 60 s; Vpd(m) = 1.2 × VIORM ,
tm = 10 s
≤ 5
≤ 5
pC
Method a: After environmental tests subgroup
1, Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.6 × VIORM , tm = 10 s
≤ 5
≤ 5
Method b1: At routine test (100% production)
and preconditioning (type test), Vini = VIOTM,
tini = 1 s;
Vpd(m) = 1.875 × VIORM , tm = 1 s
≤ 5
≤ 5
CIO
Barrier capacitance, input to output(5)
VIO = 0.4 × sin (2 πft), f = 1 MHz
1
1
pF
RIO
Insulation resistance, input to output(5)
VIO = 500 V, TA = 25°C
> 1012
> 1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 150°C
> 1011
> 1011
VIO = 500 V at TS = 150°C
> 109
> 109
Pollution degree
2
2
Climatic category
40/125/
21
40/125/
21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO , t = 60 s (qualification); VTEST =
1.2 × VISO , t = 1 s (100% production)
5000
3000
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the
isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal
in certain cases. Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these
specifications.
(2)
ISO164xDW is suitable for safe electrical insulation and ISO164xBD is suitable for basic electrical insulation only within the safety
ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
www.ti.com
ISO1640, ISO1641, ISO1644
SLLSFC2C – MAY 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO1640 ISO1641 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com