Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640BDR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 17Page - Texas Instruments ISO1640BDR Datasheet HTML 18Page - Texas Instruments ISO1640BDR Datasheet HTML 19Page - Texas Instruments ISO1640BDR Datasheet HTML 20Page - Texas Instruments ISO1640BDR Datasheet HTML 21Page - Texas Instruments ISO1640BDR Datasheet HTML 22Page - Texas Instruments ISO1640BDR Datasheet HTML 23Page - Texas Instruments ISO1640BDR Datasheet HTML 24Page - Texas Instruments ISO1640BDR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
SLLS
VCC1 and VCC2 = 5 V, R1 = 143 :, C1 = 10 pF
VCC1 and VCC2 = 3.3 V, R1 = 143 :, C1 = 10 pF
Figure 6-17. tPLH2-1 Propagation Delay vs Free-Air
Temperature
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
80
90
100
110
120
130
140
150
SLLS
VCC1 and VCC2 = 5 V, R1 = 2.2 k:, C1 = 40 pF
VCC1 and VCC2 = 3.3 V, R1 = 2.2 k:, C1 = 40 pF
Figure 6-18. tPLH2-1 Propagation Delay vs Free-Air
Temperature
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
SLLS
VCC1 and VCC2 = 5 V, R1 = 143 :, C1 = 10 pF
VCC1 and VCC2 = 3.3 V, R1 = 143 :, C1 = 10 pF
Figure 6-19. tPHL2-1 Propagation Delay vs Free-Air
Temperature
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
90
SLLS
VCC1 and VCC2 = 5 V, R1 = 2.2 k:, C1 = 40 pF
VCC1 and VCC2 = 3.3 V, R1 = 2.2 k:, C1 = 40 pF
Figure 6-20. tPHL2-1 Propagation Delay vs Free-Air
Temperature
www.ti.com
ISO1640, ISO1641, ISO1644
SLLSFC2C – MAY 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO1640 ISO1641 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com