Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640BDR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 21Page - Texas Instruments ISO1640BDR Datasheet HTML 22Page - Texas Instruments ISO1640BDR Datasheet HTML 23Page - Texas Instruments ISO1640BDR Datasheet HTML 24Page - Texas Instruments ISO1640BDR Datasheet HTML 25Page - Texas Instruments ISO1640BDR Datasheet HTML 26Page - Texas Instruments ISO1640BDR Datasheet HTML 27Page - Texas Instruments ISO1640BDR Datasheet HTML 28Page - Texas Instruments ISO1640BDR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
SDA2
SCL1
SCL2
GND2
GND1
VCC2
VCC1
SDA1
VREF
Figure 8-2. ISO1641 Block Diagram
8.3 Isolation Technology Overview
The ISO164x family of devices has an ON-OFF keying (OOK) modulation scheme to transmit the digital data
across a silicon dioxide based isolation barrier. The transmitter sends a high frequency carrier across the barrier
to represent one digital state and sends no signal to represent the other digital state. The receiver demodulates
the signal after advanced signal conditioning and produces the output through a buffer stage. These devices
also incorporate advanced circuit techniques to maximize the CMTI performance and minimize the radiated
emissions due the high frequency carrier and switching.
8.4 Feature Description
The device enables a complete isolated I2C interface to be implemented within a small form factor having the
features listed in Table 8-1.
Table 8-1. Features List
PART NUMBER
CHANNEL DIRECTION
RATED ISOLATION(1)
I2C MAXIMUM
FREQUENCY
GPIO MAXIMUM
FREQUENCY
ISO1640
Bidirectional SCL
Bidirectional SDA
5000 VRMS (16DW) 7071
VPK (16DW) 3000 VRMS
(8D) 4242 VPK (8D)
1.7 MHz
NA
ISO1641
Unidirectional (SCL)
Bidirectional (SDA)
3000 VRMS (8D) 4242 VPK
(8D)
ISO1644
Bidirectional SCL
Bidirectional SDA
5000 VRMS (16DW) 7071
VPK (16DW)
50 Mbps
(1)
See for detailed Isolation specifications.
8.4.1 Hot Swap
The ISO164x includes Hot Swap circuitry on Side 2 of the isolator to prevent loading on the I2C bus lines while
VCC2 is either unpowered or in the process of being powered on. While VCC2 is below the UVLO threshold,
the ISO164x bus lines will not load the bus to avoid disrupting or corrupting an active I2C bus. If the isolator
is plugged into a live backplane using a staggered connector, where VCC2 and GND2 make connection first
followed by the bus lines, the SDA and SCL lines are pre-charged to VCC2 / 2 to minimize the current required
to charge the parasitic capacitance of the device. Once the device is fully powered on, the device bus pins
become active providing bidirectional, isolated, SCL and SDA lines.
www.ti.com
ISO1640, ISO1641, ISO1644
SLLSFC2C – MAY 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: ISO1640 ISO1641 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com