Electronic Components Datasheet Search
  English  ▼

X  

ISO1640BDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640BDR
Description  ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640BDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO1640BDR Datasheet HTML 4Page - Texas Instruments ISO1640BDR Datasheet HTML 5Page - Texas Instruments ISO1640BDR Datasheet HTML 6Page - Texas Instruments ISO1640BDR Datasheet HTML 7Page - Texas Instruments ISO1640BDR Datasheet HTML 8Page - Texas Instruments ISO1640BDR Datasheet HTML 9Page - Texas Instruments ISO1640BDR Datasheet HTML 10Page - Texas Instruments ISO1640BDR Datasheet HTML 11Page - Texas Instruments ISO1640BDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD2
Maximum power dissipation (side-2)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, C1 = 20 pF, C2 = 400 pF, R1 =
1.4 kΩ, R2 = 94 Ω, Input a 1.7-MHz 50% duty-cycle clock signal
47
mW
ISO1644
PD
Maximum power dissipation (both
sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, C1 = 20 pF, C2 = 400 pF, R1 =
1.4 kΩ, R2 = 94 Ω, Input a 1.7-MHz 50% duty-cycle clock signal
INA = INB = INC = Input at 25-MHz 50% duty cycle square wave,
CL = 15pF
TBD
mW
PD1
Maximum power dissipation (side-1)
TBD
mW
PD2
Maximum power dissipation (side-2)
TBD
mW
ISO1640, ISO1641, ISO1644
SLLSFC2C – MAY 2021 – REVISED JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640 ISO1641 ISO1644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com