Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 28Page - Texas Instruments PCM1820 Datasheet HTML 29Page - Texas Instruments PCM1820 Datasheet HTML 30Page - Texas Instruments PCM1820 Datasheet HTML 31Page - Texas Instruments PCM1820 Datasheet HTML 32Page - Texas Instruments PCM1820 Datasheet HTML 33Page - Texas Instruments PCM1820 Datasheet HTML 34Page - Texas Instruments PCM1820 Datasheet HTML 35Page - Texas Instruments PCM1820 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 120 page
background image
8.3.6.3 Programmable Channel Phase Calibration
In addition to the gain calibration, the phase delay in each channel can be finely calibrated or adjusted in steps
of one modulator clock cycle for a cycle range of 0 to 255 for the phase error of the analog microphone. The
modulator clock, which is the same clock used for ADC_MOD_CLK, is 6.144 MHz (the output data sample rate
is multiples or submultiples of 48 kHz) or 5.6448 MHz (the output data sample rate is multiples or submultiples
of 44.1 kHz). For the digital microphone interface, the phase calibration clock is dependent on the PDM clock
used. For a PDM_CLK of 6.144 MHz (the output data sample rate is multiples or submultiples of 48 kHz) or
5.6448 MHz (the output data sample rate is multiples or submultiples of 44.1 kHz), the phase calibration clock
is the same as PDM_CLK. For a PDM_CLK equal to or lower than 3.072 MHz (the output data sample rate is
multiples or submultiples of 48 kHz), the phase calibration clock used is 3.072 MHz. Similarly, for a PDM_CLK of
2.8224 MHz, 1.4112 MHz, or 705.6 kHz (the output data sample rate is multiples or submultiples of 44.1 kHz),
and the phase calibration clock used is 2.8224 MHz. This feature is very useful for applications that must match
the phase with fine resolution between each channel, including any phase mismatch across channels resulting
from external components or microphones. Table 8-16 shows the available programmable options for channel
phase calibration for the analog or digital microphone with a PDM_CLK of 6.144 MHz or 5.6448 MHz.
Table 8-16. Channel Phase Calibration Programmable Settings
P0_R64_D[7:0] : CH1_PCAL[7:0]
CHANNEL PHASE CALIBRATION SETTING FOR INPUT CHANNEL 1
0000 0000 = 0d (default)
Input channel 1 phase calibration with no delay
0000 0001 = 1d
Input channel 1 phase calibration delay is set to one cycle of the modulator clock
0000 0010 = 2d
Input channel 1 phase calibration delay is set to two cycles of the modulator clock
1111 1110 = 254d
Input channel 1 phase calibration delay is set to 254 cycles of the modulator clock
1111 1111 = 255d
Input channel 1 phase calibration delay is set to 255 cycles of the modulator clock
For a digital microphone interface with a PDM_CLK frequency below 3.072 MHz, the phase calibration range
is from 0 to 127 of the phase calibration clock (3.072 MHz for the output data sample rate is multiples or
submultiples of 48 kHz and 2.8224 MHz for the output data sample rate is multiples or submultiples of 44.1 kHz).
This range can be configured using CH1_PCAL[7:1] for channel 1.
Similarly, the channel phase calibration setting for input channel 2 to channel 4 can be configured using the
CH2_PCAL (P0_R69) to CH4_PCAL (P0_R79) register bits, respectively.
The phase calibration feature must not be used when the analog input and PDM input are used together for
simultaneous conversion.
8.3.6.4 Programmable Digital High-Pass Filter
To remove the DC offset component and attenuate the undesired low-frequency noise content in the record data,
the device supports a programmable high-pass filter (HPF). The HPF is not a channel-independent filter setting
but is globally applicable for all ADC channels. This HPF is constructed using the first-order infinite impulse
response (IIR) filter, and is efficient enough to filter out possible DC components of the signal. Table 8-17 shows
the predefined –3-dB cutoff frequencies available that can be set by using the HPF_SEL[1:0] register bits of
P0_R107. Additionally, to achieve a custom –3-dB cutoff frequency for a specific application, the device also
allows the first-order IIR filter coefficients to be programmed when the HPF_SEL[1:0] register bits are set to
2'b00. Figure 8-17 shows a frequency response plot for the HPF filter.
Table 8-17. HPF Programmable Settings
P0_R107_D[1:0] :
HPF_SEL[1:0]
-3-dB CUTOFF FREQUENCY
SETTING
-3-dB CUTOFF FREQUENCY AT
16-kHz SAMPLE RATE
-3-dB CUTOFF FREQUENCY AT
48-kHz SAMPLE RATE
00
Programmable 1st-order IIR filter
Programmable 1st-order IIR filter
Programmable 1st-order IIR filter
01 (default)
0.00025 × fS
4 Hz
12 Hz
10
0.002 × fS
32 Hz
96 Hz
11
0.008 × fS
128 Hz
384 Hz
TLV320ADC3120
SBASA91A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com