Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 16Page - Texas Instruments PCM1820 Datasheet HTML 17Page - Texas Instruments PCM1820 Datasheet HTML 18Page - Texas Instruments PCM1820 Datasheet HTML 19Page - Texas Instruments PCM1820 Datasheet HTML 20Page - Texas Instruments PCM1820 Datasheet HTML 21Page - Texas Instruments PCM1820 Datasheet HTML 22Page - Texas Instruments PCM1820 Datasheet HTML 23Page - Texas Instruments PCM1820 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 120 page
background image
The device also includes a feature that offsets the start of the slot data transfer with respect to the frame sync by
up to 31 cycles of the bit clock. Table 8-5 lists the programmable offset configuration settings.
Table 8-5. Programmable Offset Settings for the ASI Slot Start
P0_R8_D[4:0] : TX_OFFSET[4:0]
PROGRAMMABLE OFFSET SETTING FOR SLOT DATA TRANSMISSION START
0 0000 = 0d (default)
The device follows the standard protocol timing without any offset.
0 0001 = 1d
Slot start is offset by one BCLK cycle, as compared to standard protocol timing.
For I2S or LJ, the left and right slot start is offset by one BCLK cycle, as compared to
standard protocol timing.
......
......
1 1110 = 30d
Slot start is offset by 30 BCLK cycles, as compared to standard protocol timing.
For I2S or LJ, the left and right slot start is offset by 30 BCLK cycles, as compared to
standard protocol timing.
1 1111 = 31d
Slot start is offset by 31 BCLK cycles, as compared to standard protocol timing.
For I2S or LJ, the left and right slot start is offset by 31 BCLK cycles, as compared to
standard protocol timing.
The device also features the ability to invert the polarity of the frame sync pin, FSYNC, used to transfer the audio
data as compared to the default FSYNC polarity used in standard protocol timing. This feature can be set using
the FSYNC_POL (P0_R7_D3) register bit. Similarly, the device can invert the polarity of the bit clock pin, BCLK,
which can be set using the BCLK_POL (P0_R7_D2) register bit.
8.3.1.2.1 Time Division Multiplexed Audio (TDM) Interface
In TDM mode, also known as DSP mode, the rising edge of FSYNC starts the data transfer with the slot 0 data
first. Immediately after the slot 0 data transmission, the remaining slot data are transmitted in order. FSYNC and
each data bit (except the MSB of slot 0 when TX_OFFSET equals 0) is transmitted on the rising edge of BCLK.
Figure 8-1 to Figure 8-4 illustrate the protocol timing for TDM operation with various configurations.
N-1
2
1
0
N-2
N-3
N-1
N-2
N-3
2
1
0
N-1
N-2
N-3
2
1
0
Slot-0
(Word Length : N)
Slot-1
(Word Length : N)
Slot-2 to Slot-7
(Word Length : N)
N-1
2
1
0
N-2
N-3
Slot-0
(Word Length : N)
FSYNC
BCLK
SDOUT
n
th Sample
(n+1)
th Sample
Figure 8-1. TDM Mode Standard Protocol Timing (TX_OFFSET = 0)
2
1
0
N-1
N-1
N-2
N-3
2
1
0
N-1
N-2
N-3
2
1
0
Slot-0
(Word Length : N)
Slot-1
(Word Length : N)
Slot-2 to Slot-7
(Word Length : N)
2
1
0
N-1
Slot-0
(Word Length : N)
n
th Sample
(n+1)
th Sample
TX_OFFSET = 2
TX_OFFSET = 2
FSYNC
BCLK
SDOUT
Figure 8-2. TDM Mode Protocol Timing (TX_OFFSET = 2)
TLV320ADC3120
SBASA91A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com