Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 20Page - Texas Instruments PCM1820 Datasheet HTML 21Page - Texas Instruments PCM1820 Datasheet HTML 22Page - Texas Instruments PCM1820 Datasheet HTML 23Page - Texas Instruments PCM1820 Datasheet HTML 24Page - Texas Instruments PCM1820 Datasheet HTML 25Page - Texas Instruments PCM1820 Datasheet HTML 26Page - Texas Instruments PCM1820 Datasheet HTML 27Page - Texas Instruments PCM1820 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 120 page
background image
8.3.1.3 Using Multiple Devices With Shared Buses
The device has many supported features and flexible options that can be used in the system to seamlessly
connect the TLV320ADC3120 and any other audio device by sharing a single common I2C control bus and an
audio serial interface bus. This architecture enables multiple applications to be applied to a system that require a
microphone array for beam-forming operations, audio conferencing, noise cancellation, and so forth. Figure 8-13
shows a diagram of the TLV320ADC3120 and TLV320ADCx140 devices in a configuration where the control and
audio data buses are shared.
TLV320ADCx140
U2
TLV320ADCx120
U1
Host Processo r
Aud io Data Bus ± TDM, I
2S, LJ Interface
Control Bus ± I
2C Interface
Figure 8-13. Multiple Devices With Shared Control and Audio Data Buses
The TLV320ADC3120 consists of the following features to enable seamless connection and interaction of
multiple devices using a shared bus:
• I2C broadcast simultaneously writes to (or triggers) all TLV320ADC3120 and TLV320ADCx140 devices
• Supports up to 64 configuration output channel slots for the audio serial interface
• Tri-state feature (with enable and disable) for the unused audio data slots of the device
• Supports a bus-holder feature (with enable and disable) to keep the last driven value on the audio bus
• The GPIO1 or GPOx pin can be configured as a secondary output data lane for the audio serial interface
• The GPIO1 or GPIx pin can be used in a daisy-chain configuration of multiple devices
• Supports one BCLK cycle data latching timing to relax the timing requirement for the high-speed interface
• Programmable master and slave options for the audio serial interface
• Ability to synchronize the multiple devices for the simultaneous sampling requirement across devices
See the Multiple TLV320ADCx140 Devices With Shared TDM and I2C Bus application report for further details.
TLV320ADC3120
SBASA91A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com