Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 17Page - Texas Instruments PCM1820 Datasheet HTML 18Page - Texas Instruments PCM1820 Datasheet HTML 19Page - Texas Instruments PCM1820 Datasheet HTML 20Page - Texas Instruments PCM1820 Datasheet HTML 21Page - Texas Instruments PCM1820 Datasheet HTML 22Page - Texas Instruments PCM1820 Datasheet HTML 23Page - Texas Instruments PCM1820 Datasheet HTML 24Page - Texas Instruments PCM1820 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
n
th Sample
(n+1)
th Sample
FSYNC
BCLK
SDOUT
2
1
0
N-1
N-1
N-2
N-3
2
1
0
N-1
N-2
N-3
0
N-1
N-2
Slot-0
(Word Length : N)
Slot-1
(Word Length : N)
Slot-2 to Slot-7
(Word Length : N)
2
1
0
N-1
Slot-0
(Word Length : N)
TX_OFFSET = 2
0
1
2
1
0
3
Figure 8-3. TDM Mode Protocol Timing (No Idle BCLK Cycles, TX_OFFSET = 2)
N-1
2
1
0
N-2
N-3
N-1
N-2
N-3
2
1
0
N-1
N-2
N-3
2
1
0
Slot-0
(Word Length : N)
Slot-1
(Word Length : N)
Slot-2 to Slot-7
(Word Length : N)
N-1
2
1
0
N-2
N-3
Slot-0
(Word Length : N)
FSYNC
BCLK
SDOUT
n
th Sample
(n+1)
th Sample
Figure 8-4. TDM Mode Protocol Timing (TX_OFFSET = 0 and BCLK_POL = 1)
For proper operation of the audio bus in TDM mode, the number of bit clocks per frame must be greater than
or equal to the number of active output channels times the programmed word length of the output channel data.
The device supports FSYNC as a pulse with a 1-cycle-wide bit clock, but also supports multiples as well. For a
higher BCLK frequency operation, using TDM mode with a TX_OFFSET value higher than 0 is recommended.
8.3.1.2.2 Inter IC Sound (I2S) Interface
The standard I2S protocol is defined for only two channels: left and right. The device extends the same protocol
timing for multichannel operation. In I2S mode, the MSB of the left slot 0 is transmitted on the falling edge of
BCLK in the second cycle after the falling edge of FSYNC. Immediately after the left slot 0 data transmission, the
remaining left slot data are transmitted in order. The MSB of the right slot 0 is transmitted on the falling edge of
BCLK in the second cycle after the rising edge of FSYNC. Immediately after the right slot 0 data transmission,
the remaining right slot data are transmitted in order. FSYNC and each data bit is transmitted on the falling edge
of BCLK. Figure 8-5 to Figure 8-8 illustrate the protocol timing for I2S operation with various configurations.
1
0
N-1
N-2
N-1
N-2
1
0
Left
Slot-0
(Word Length : N)
Left
Slot-2 to Slot-3
(Word Length : N)
1
0
N-1
N-2
FSYNC
BCLK
SDOUT
n
th Sample
(n+1)
th Sample
1
0
N-1
N-1
N-2
1
0
Right
Slot-0
(Word Length : N)
Right
Slot-2 to Slot-3
(Word Length : N)
Left
Slot-0
(Word Length : N)
Figure 8-5. I2S Mode Standard Protocol Timing (TX_OFFSET = 0)
1
0
N-1
N-1
N-2
1
0
Left
Slot-0
(Word Length : N)
Left
Slot-2 to Slot-3
(Word Length : N)
1
0
N-1
FSYNC
BCLK
SDOUT
n
th Sample
(n+1)
th Sample
1
0
N-1
N-1
1
0
Right
Slot-0
(Word Length : N)
Right
Slot-2 to Slot-3
(Word Length : N)
Left
Slot-0
(Word Length : N)
TX_OFFSET = 1
TX_OFFSET = 1
TX_OFFSET = 1
Figure 8-6. I2S Protocol Timing (TX_OFFSET = 1)
www.ti.com
TLV320ADC3120
SBASA91A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV320ADC3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com