Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 18Page - Texas Instruments PCM1820 Datasheet HTML 19Page - Texas Instruments PCM1820 Datasheet HTML 20Page - Texas Instruments PCM1820 Datasheet HTML 21Page - Texas Instruments PCM1820 Datasheet HTML 22Page - Texas Instruments PCM1820 Datasheet HTML 23Page - Texas Instruments PCM1820 Datasheet HTML 24Page - Texas Instruments PCM1820 Datasheet HTML 25Page - Texas Instruments PCM1820 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 120 page
background image
1
0
N-1
N-2
N-1
N-2
0
N-1
Left
Slot-1 to Slot-3
(Word Length : N)
1
0
N-1
N-2
FSYNC
BCLK
SDOUT
n
th Sample
(n+1)
th Sample
1
0
N-1
0
N-1
1
0
Right
Slot-1 to Slot-3
(Word Length : N)
Left
Slot-0
(Word Length : N)
1
0
0
N-1
N-2
Figure 8-7. I2S Protocol Timing (No Idle BCLK Cycles, TX_OFFSET = 0)
1
0
N-1
N-2
N-1
N-2
1
0
Left
Slot-0
(Word Length : N)
Left
Slot-2 to Slot-3
(Word Length : N)
1
0
N-1
N-2
FSYNC
BCLK
SDOUT
n
th Sample
(n+1)
th Sample
1
0
N-1
N-1
N-2
1
0
Right
Slot-0
(Word Length : N)
Right
Slot-2 to Slot-3
(Word Length : N)
Left
Slot-0
(Word Length : N)
Figure 8-8. I2S Protocol Timing (TX_OFFSET = 0 and BCLK_POL = 1)
For proper operation of the audio bus in I2S mode, the number of bit clocks per frame must be greater than or
equal to the number of active output channels (including left and right slots) times the programmed word length
of the output channel data. The device FSYNC low pulse must be a number of BCLK cycles wide that is greater
than or equal to the number of active left slots times the data word length configured. Similarly, the FSYNC high
pulse must be a number of BCLK cycles wide that is greater than or equal to the number of active right slots
times the data word length configured.
8.3.1.2.3 Left-Justified (LJ) Interface
The standard LJ protocol is defined for only two channels: left and right. The device extends the same protocol
timing for multichannel operation. In LJ mode, the MSB of the left slot 0 is transmitted in the same BCLK
cycle after the rising edge of FSYNC. Each subsequent data bit is transmitted on the falling edge of BCLK.
Immediately after the left slot 0 data transmission, the remaining left slot data are transmitted in order. The MSB
of the right slot 0 is transmitted in the same BCLK cycle after the falling edge of FSYNC. Each subsequent data
bit is transmitted on the falling edge of BCLK. Immediately after the right slot 0 data transmission, the remaining
right slot data are transmitted in order. FSYNC is transmitted on the falling edge of BCLK. Figure 8-9 to Figure
8-12 illustrate the protocol timing for LJ operation with various configurations.
1
0
N-1
N-2
N-1
N-2
1
0
Left
Slot-0
(Word Length : N)
Left
Slot-2 to Slot-3
(Word Length : N)
1
0
N-1
N-2
BCLK
SDOUT
n
th Sample
(n+1)
th Sample
1
0
N-1
N-1
N-2
1
0
Right
Slot-0
(Word Length : N)
Right
Slot-2 to Slot-3
(Word Length : N)
Left
Slot-0
(Word Length : N)
FSYNC
Figure 8-9. LJ Mode Standard Protocol Timing (TX_OFFSET = 0)
TLV320ADC3120
SBASA91A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com