Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 30Page - Texas Instruments PCM1820 Datasheet HTML 31Page - Texas Instruments PCM1820 Datasheet HTML 32Page - Texas Instruments PCM1820 Datasheet HTML 33Page - Texas Instruments PCM1820 Datasheet HTML 34Page - Texas Instruments PCM1820 Datasheet HTML 35Page - Texas Instruments PCM1820 Datasheet HTML 36Page - Texas Instruments PCM1820 Datasheet HTML 37Page - Texas Instruments PCM1820 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 120 page
background image
8.3.6.5 Programmable Digital Biquad Filters
The device supports up to 12 programmable digital biquad filters. These highly efficient filters achieve the
desired frequency response. In digital signal processing, a digital biquad filter is a second-order, recursive linear
filter with two poles and two zeros. Equation 2 gives the transfer function of each biquad filter:
*:V; =
00 + 201VF
1 + 02VF2
231 F 2&1VF
1 F &2VF2
(2)
The frequency response for the biquad filter section with default coefficients is flat at a gain of 0 dB (all-pass
filter). The host device can override the frequency response by programming the biquad coefficients to achieve
the desired frequency response for a low-pass, high-pass, or any other desired frequency shaping. The
programmable coefficients for the mixer operation are located in the Programmable Coefficient Registers: Page
2 and Programmable Coefficient Registers: Page 3 sections. If biquad filtering is required, then the host device
must write these coefficients values before powering up any ADC channels for recording. As described in Table
8-19, these biquad filters can be allocated for each output channel based on the BIQUAD_CFG[1:0] register
setting of P0_R108. By setting BIQUAD_CFG[1:0] to 2'b00, the biquad filtering for all record channels is disabled
and the host device can choose this setting if no additional filtering is required for the system application. See
the TLV320ADCx140 Programmable Biquad Filter Configuration and Applications application report for further
details.
Table 8-19. Biquad Filter Allocation to the Record Output Channel
PROGRAMMABLE
BIQUAD FILTER
RECORD OUTPUT CHANNEL ALLOCATION USING P0_R108_D[6:5] REGISTER SETTING
BIQUAD_CFG[1:0] = 2'b01
(1 Biquad per Channel)
BIQUAD_CFG[1:0] = 2'b10 (Default)
(2 Biquads per Channel)
BIQUAD_CFG[1:0] = 2'b11
(3 Biquads per Channel)
Biquad filter 1
Allocated to output channel 1
Allocated to output channel 1
Allocated to output channel 1
Biquad filter 2
Allocated to output channel 2
Allocated to output channel 2
Allocated to output channel 2
Biquad filter 3
Allocated to output channel 3
Allocated to output channel 3
Allocated to output channel 3
Biquad filter 4
Allocated to output channel 4
Allocated to output channel 4
Allocated to output channel 4
Biquad filter 5
Not used
Allocated to output channel 1
Allocated to output channel 1
Biquad filter 6
Not used
Allocated to output channel 2
Allocated to output channel 2
Biquad filter 7
Not used
Allocated to output channel 3
Allocated to output channel 3
Biquad filter 8
Not used
Allocated to output channel 4
Allocated to output channel 4
Biquad filter 9
Not used
Not used
Allocated to output channel 1
Biquad filter 10
Not used
Not used
Allocated to output channel 2
Biquad filter 11
Not used
Not used
Allocated to output channel 3
Biquad filter 12
Not used
Not used
Allocated to output channel 4
Table 8-20 shows the biquad filter coefficients mapping to the register space.
Table 8-20. Biquad Filter Coefficients Register Mapping
PROGRAMMABLE BIQUAD
FILTER
BIQUAD FILTER COEFFICIENTS
REGISTER MAPPING
PROGRAMMABLE BIQUAD
FILTER
BIQUAD FILTER COEFFICIENTS
REGISTER MAPPING
Biquad filter 1
P2_R8-R27
Biquad filter 7
P3_R8-R27
Biquad filter 2
P2_R28-R47
Biquad filter 8
P3_R28-R47
Biquad filter 3
P2_R48-R67
Biquad filter 9
P3_R48-R67
Biquad filter 4
P2_R68-R87
Biquad filter 10
P3_R68-R87
Biquad filter 5
P2_R88-R107
Biquad filter 11
P3_R88-R107
Biquad filter 6
P2_R108-R127
Biquad filter 12
P3_R108-R127
TLV320ADC3120
SBASA91A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com