Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments PCM1820 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode, and PLL on (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Interchannel phase
mismatch
1-kHz sinusoidal signal
0.02
Degrees
Phase drift(5)
1-kHz sinusoidal signal, across temperature range –
40°C to 125°C
0.0005
Degrees/°C
PSRR
Power-supply rejection
ratio
100-mVPP, 1-kHz sinusoidal signal on AVDD, differential
input selected, 0-dB channel gain
102
dB
CMRR
Common-mode rejection
ratio
Differential microphone input selected, 0-dB channel
gain, 100-mVPP, 1-kHz signal on both pins and measure
level at output
60
dB
MICROPHONE BIAS
MICBIAS noise
BW = 20 Hz to 20 kHz, A-weighted, 1-μF capacitor
between MICBIAS and AVSS
2.1
µVRMS
MICBIAS voltage
MICBIAS programmed to VREF and VREF programmed
to either 2.75 V, 2.5 V, or 1.375 V
VREF
V
MICBIAS programmed to VREF × 1.096 and VREF
programmed to either 2.75 V, 2.5 V, or 1.375 V
VREF ×
1.096
Bypass to AVDD with 5-mA load
AVDD – 0.2
MICBIAS current drive
5
mA
MICBIAS load regulation
MICBIAS programmed to either VREF or VREF ×
1.096, measured up to max load
0
0.6
1
%
MICBIAS over current
protection threshold
6.1
mA
DIGITAL I/O
VIL
Low-level digital input logic
voltage threshold
All digital pins except IN2P_GPI1 and MICBIAS_GPI2,
SDA and SCL, IOVDD 1.8-V operation
–0.3
0.35 ×
IOVDD
V
All digital pins except IN2P_GPI1 and MICBIAS_GPI2,
SDA and SCL, IOVDD 3.3-V operation
–0.3
0.8
VIH
High-level digital input logic
voltage threshold
All digital pins except IN2P_GPI1 and MICBIAS_GPI2,
SDA and SCL, IOVDD 1.8-V operation
0.65 ×
IOVDD
IOVDD + 0.3
V
All digital pins except IN2P_GPI1 and MICBIAS_GPI2,
SDA and SCL, IOVDD 3.3-V operation
2
IOVDD + 0.3
VOL
Low-level digital output
voltage
All digital pins except IN2M_GPO1, SDA and SCL, IOL =
–2 mA, IOVDD 1.8-V operation
0.45
V
All digital pins except IN2M_GPO1, SDA and SCL, IOL =
–2 mA, IOVDD 3.3-V operation
0.4
VOH
High-level digital output
voltage
All digital pins except IN2M_GPO1, SDA and SCL, IOH =
2 mA, IOVDD 1.8-V operation
IOVDD –
0.45
V
All digital pins except IN2M_GPO1, SDA and SCL, IOH =
2 mA, IOVDD 3.3-V operation
2.4
VIL(I2C)
Low-level digital input logic
voltage threshold
SDA and SCL
–0.5
0.3 x IOVDD
V
VIH(I2C)
High-level digital input logic
voltage threshold
SDA and SCL
0.7 x IOVDD
IOVDD + 0.5
V
VOL1(I2C)
Low-level digital output
voltage
SDA, IOL(I2C) = –3 mA, IOVDD > 2 V
0.4
V
VOL2(I2C)
Low-level digital output
voltage
SDA, IOL(I2C) = –2 mA, IOVDD ≤ 2 V
0.2 x IOVDD
V
IOL(I2C)
Low-level digital output
current
SDA, VOL(I2C) = 0.4 V, standard-mode or fast-mode
3
mA
SDA, VOL(I2C) = 0.4 V, fast-mode plus
20
IIH
Input logic-high leakage for
digital inputs
All digital pins except IN2P_GPI1 and MICBIAS_GPI2
pins, input = IOVDD
–5
0.1
5
µA
IIL
Input logic-low leakage for
digital inputs
All digital pins except IN2P_GPI1 and MICBIAS_GPI2
pins, input = 0 V
–5
0.1
5
µA
VIL(GPIx)
Low-level digital input logic
voltage threshold
IN2P_GPI1 and MICBIAS_GPI2 digital pins, AVDD 1.8-V
operation
–0.3
0.35 × AVDD
V
IN2P_GPI1 and MICBIAS_GPI2 digital pins, AVDD 3.3-V
operation
–0.3
0.8
TLV320ADC3120
SBASA91A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com