Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 23Page - Texas Instruments PCM1820 Datasheet HTML 24Page - Texas Instruments PCM1820 Datasheet HTML 25Page - Texas Instruments PCM1820 Datasheet HTML 26Page - Texas Instruments PCM1820 Datasheet HTML 27Page - Texas Instruments PCM1820 Datasheet HTML 28Page - Texas Instruments PCM1820 Datasheet HTML 29Page - Texas Instruments PCM1820 Datasheet HTML 30Page - Texas Instruments PCM1820 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 120 page
background image
TLV320ADCx120
INxP
INxM
GND
Line or
Microphon e
Sing le-end ed
Input
Figure 8-14. Single-Ended, DC-Coupled Input
Connection
GND
Line or
Microphon e
Sing le-end ed
Input
TLV320ADCx120
INxP
INxM
Figure 8-15. Single-Ended, AC-Coupled Input
Connection
The device allows for flexibility in choosing the typical input impedance on INxP or INxM from 2.5 kΩ (default),
10 kΩ, and 20 kΩ based on the input source impedance. The higher input impedance results in slightly higher
noise or lower dynamic range. Table 8-9 lists the configuration register settings for the input impedance for the
record channel.
Table 8-9. Input Impedance Selection for the Record Channel
P0_R60_D[3:2] : CH1_IMP[1:0]
CHANNEL 1 INPUT IMPEDANCE SELECTION
00 (default)
Channel 1 input impedance typical value is 2.5 kΩ on INxP or INxM
01
Channel 1 input impedance typical value is 10 kΩ on INxP or INxM
10
Channel 1 input impedance typical value is 20 kΩ on INxP or INxM
11
Reserved (do not use this setting)
Similarly, the input impedance selection setting for input channel 2 can be configured using the CH2_IMP[1:0]
(P0_R65_D[3:2]) register bits.
The value of the coupling capacitor in AC-coupled mode must be chosen so that the high-pass filter formed by
the coupling capacitor and the input impedance do not affect the signal content. Before proper recording can
begin, this coupling capacitor must be charged up to the common-mode voltage at power up. To enable quick
charging, the device has modes to speed up the charging of the coupling capacitor. The default value of the
quick-charge timing is set for a coupling capacitor up to 1 µF. However, if a higher-value capacitor is used in the
system, then the quick-charging timing can be increased by using the INCAP_QCHG (P0_R5_D[5:4]) register
bits. For best distortion performance, use the low-voltage coefficient capacitors for AC coupling.
The TLV320ADC3120 can also support a higher input common-mode tolerance at the expense of noise
performance by a few decibels. The device supports three different modes with different common-mode
tolerances, which can be configured using the CH1_INP_CM_TOL_CFG[1:0] (P0_R58_D[7:6]) register bits.
Table 8-10 lists the configuration register settings for the input impedance for the record channel.
Table 8-10. Common-Mode Tolerance Mode Selection for Record Channel
P0_R58_D[7:6] :
CH1_INP_CM_TOL_CFG[1:0]
CHANNEL 1 INPUT COMMON-MODE TOLERANCE
00 (default)
Channel 1 input common-mode tolerance of: AC-coupled input = 100 mVPP, DC-coupled
input = 2.82 VPP.
01
Channel 1 input common-mode tolerance of: AC/DC-coupled input = 1 VPP.
10 (high CMRR mode)
Channel 1 input common-mode tolerance of: AC/DC-coupled input = 0-AVDD (supported
only with an input impedance of 10 kΩ and 20 kΩ). For input impedance of 2.5 kΩ, the input
common-mode tolerance is 0.4 V to 2.6 V.
11
Reserved (do not use this setting)
Similarly, the common-mode tolerance setting for input channel 2 can be configured using the
CH2_INP_CM_TOL_CFG[1:0] (P0_R58_D[5:4]) register bits. See the Input Common Mode Tolerance and High
CMRR modes for TLV320ADCx120 Devices application report for further details.
www.ti.com
TLV320ADC3120
SBASA91A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TLV320ADC3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com