Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 3Page - Texas Instruments PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 120 page
background image
7.5 Electrical Characteristics
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode, and PLL on (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC CONFIGURATION
AC input impedance
Input pins INxP or INxM, 2.5-kΩ input impedance
selection
2.5
kΩ
Input pins INxP or INxM, 10-kΩ input impedance
selection
10
Input pins INxP or INxM, 20-kΩ input impednace
selection
20
Channel gain range
Programmable range with 0.5-dB steps
0
42
dB
ADC PERFORMANCE FOR LINE/MICROPHONE INPUT RECORDING : AVDD 3.3-V OPERATION
Differential input full-scale
AC signal voltage
AC-coupled input
2
VRMS
Single-ended input full-
scale AC signal voltage
AC-coupled input
1
VRMS
SNR
Signal-to-noise ratio, A-
weighted(1) (2)
IN1 differential input selected and AC signal shorted to
ground, 10-kΩ input impedance selection, 0-dB channel
gain
100
106
dB
IN1 differential input selected and AC signal shorted to
ground, 10-kΩ input impedance selection, 12-dB channel
gain
100
DR
Dynamic range, A-
weighted(2)
IN1 differential input selected and –60-dB full-scale AC
signal input, 10-kΩ input impedance selection, 0-dB
channel gain
107
dB
IN1 differential input selected and –72-dB full-scale AC
signal input, 10-kΩ input impedance selection, 12-dB
channel gain
100
THD+N
Total harmonic distortion(2)
(3)
IN1 differential input selected and –1-dB full-scale AC
signal input, 10-kΩ input impedance selection, 0-dB
channel gain
–95
–80
dB
IN1 differential input selected and –13-dB full-scale AC
signal input, 10-kΩ input impedance selection, 12-dB
channel gain
–93
ADC PERFORMANCE FOR LINE/MICROPHONE INPUT RECORDING : AVDD 1.8-V OPERATION
Differential input full-scale
AC signal voltage
AC-coupled Input
1
VRMS
Single-ended input full-
scale AC signal voltage
AC-coupled Input
0.5
VRMS
SNR
Signal-to-noise ratio, A-
weighted(1) (2)
IN1 differential input selected and AC signal shorted to
ground, 10-kΩ input impedance selection, 0-dB channel
gain
100
dB
DR
Dynamic range, A-
weighted(2)
IN1 differential input selected and –60-dB full-scale AC
signal input, 10-kΩ input impedance selection, 0-dB
channel gain
101
dB
THD+N
Total harmonic distortion(2)
(3)
IN1 differential input selected and –2-dB full-scale AC
signal Input, 10-kΩ input impedance selection, 0 dB
channel gain
–90
dB
ADC OTHER PARAMETERS
Digital volume control
range
Programmable 0.5-dB steps
–100
27
dB
Output data sample rate
Programmable
7.35
768
kHz
Output data sample word
length
Programmable
16
32
Bits
Digital high-pass filter cutoff
frequency
First-order IIR filter with programmable coefficients,
–3-dB point (default setting)
12
Hz
Interchannel isolation
–1-dB full-scale AC-signal input to non measurement
channel
–124
dB
Interchannel gain mismatch –6-dB full-scale AC-signal input and 0-dB channel gain
0.1
dB
Gain drift(4)
0-dB channel gain, across temperature range –40°C to
125°C
36.8
ppm/°C
www.ti.com
TLV320ADC3120
SBASA91A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV320ADC3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com