Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 25Page - Texas Instruments PCM1820 Datasheet HTML 26Page - Texas Instruments PCM1820 Datasheet HTML 27Page - Texas Instruments PCM1820 Datasheet HTML 28Page - Texas Instruments PCM1820 Datasheet HTML 29Page - Texas Instruments PCM1820 Datasheet HTML 30Page - Texas Instruments PCM1820 Datasheet HTML 31Page - Texas Instruments PCM1820 Datasheet HTML 32Page - Texas Instruments PCM1820 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 120 page
background image
The microphone bias output can be powered on or powered off (default) by configuring the MICBIAS_PDZ
(P0_R117_D7) register bit. Additionally, the device provides an option to configure the GPIO1 or GPIx pin to
directly control the microphone bias output powering on or off. This feature is useful to control the microphone
directly without engaging the host for I2C communication. The MICBIAS_PDZ (P0_R117_D7) register bit value is
ignored if the GPIO1 or GPIx pin is configured to set the microphone bias on or off.
8.3.6 Signal-Chain Processing
The TLV320ADC3120 signal chain is comprised of very-low-noise, high-performance, and low-power analog
blocks and highly flexible and programmable digital processing blocks. The high performance and flexibility
combined with a compact package makes the TLV320ADC3120 optimized for a variety of end-equipments
and applications that require multichannel audio capture. Figure 8-16 shows a conceptual block diagram that
highlights the various building blocks used in the signal chain, and how the blocks interact in the signal chain.
PGA
M
U
X
PDM
Interface
Digital Microphone
ADC
Phase
Calibration
Decimation
Filters
HPF
Gain
Calibration
Digital
Summer/Mixer
Biquad
Filters
Digital Volume
Control (DVC)
INP
INM
PDMCLK
PDMIN
Other Input Channels Processed Data
after Gain Calibration
Output
Channel
Data to ASI
Figure 8-16. Signal-Chain Processing Flowchart
The front-end PGA is very low noise, with a 120-dB dynamic range performance. Along with a low-noise
and low-distortion, multibit, delta-sigma ADC, the front-end PGA enables the TLV320ADC3120 to record a
far-field audio signal with very high fidelity, both in quiet and loud environments. Moreover, the ADC architecture
has inherent antialias filtering with a high rejection of out-of-band frequency noise around multiple modulator
frequency components. Therefore, the device prevents noise from aliasing into the audio band during ADC
sampling. Further on in the signal chain, an integrated, high-performance multistage digital decimation filter
sharply cuts off any out-of-band frequency noise with high stop-band attenuation.
The device also has an integrated programmable biquad filter that allows for custom low-pass, high-pass, or
any other desired frequency shaping. Thus, the overall signal chain architecture removes the requirement to
add external components for antialiasing low-pass filtering, and thus saves drastically on the external system
component cost and board space. See the TLV320ADCx140 Integrated Analog Anti-Aliasing Filter and Flexible
Digital Filter application report for further details.
The signal chain also consists of various highly programmable digital processing blocks such as phase
calibration, gain calibration, high-pass filter, digital summer or mixer, biquad filters, and volume control. The
details on these processing blocks are discussed further in this section. The device also supports up to four
digital PDM microphone recording channels when the analog record channels are not used. Channels 1 to 2 in
the signal chain block diagram of Figure 8-16 are as described in this section, however, channels 3 to 4 only
support the digital microphone recording option and do not support the digital summer or mixer option.
The desired input channels for recording can be enabled or disabled by using the IN_CH_EN (P0_R115)
register, and the output channels for the audio serial interface can be enabled or disabled by using the
ASI_OUT_EN (P0_R116) register. In general, the device supports simultaneous power-up and power-down of all
active channels for simultaneous recording. However, based on the application needs, if some channels must
be powered-up or powered-down dynamically when the other channel recording is on, then that use case is
supported by setting the DYN_CH_PUPD_EN (P0_R117_D4) register bit to 1'b1.
www.ti.com
TLV320ADC3120
SBASA91A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TLV320ADC3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com