Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments PCM1820 Datasheet HTML 12Page - Texas Instruments PCM1820 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode, and PLL on (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH(GPIx)
High-level digital input logic
voltage threshold
IN2P_GPI1 and MICBIAS_GPI2 digital pins, AVDD 1.8-V
operation
0.65 × AVDD
AVDD + 0.3
V
IN2P_GPI1 and MICBIAS_GPI2 digital pins, AVDD 3.3-V
operation
2
AVDD + 0.3
VOL(GPOx)
Low-level digital output
voltage
IN2M_GPO2 digital pin, IOL = –2 mA, AVDD 1.8-V
operation
0.45
V
IN2M_GPO2 digital pin, IOL = –2 mA, AVDD 3.3-V
operation
0.4
VOH(GPOx)
High-level digital output
voltage
IN2M_GPO2 digital pin, IOH = 2 mA, AVDD 1.8-V
operation
AVDD – 0.45
V
IN2M_GPO2 digital pin, IOH = 2 mA, AVDD 3.3-V
operation
2.4
IIH(GPIx)
Input logic-high leakage for
digital inputs
IN2P_GPI1 and MICBIAS_GPI2 digital pins, input =
AVDD
–5
0.1
5
µA
IIL(GPIx)
Input logic-high leakage for
digital inputs
IN2P_GPI1 and MICBIAS_GPI2 digital pins, input = 0 V
–5
0.1
5
µA
CIN
Input capacitance for digital
inputs
All digital pins
5
pF
RPD
Pulldown resistance for
digital I/O pins when
asserted on
20
kΩ
TYPICAL SUPPLY CURRENT CONSUMPTION
IAVDD
Current consumption in
sleep mode (software
shutdown mode)
All external clocks stopped, AVDD = 3.3 V, internal
AREG
5
µA
IAVDD
All external clocks stopped, AVDD = 1.8 V, external
AREG supply (AREG shorted to AVDD)
10
IIOVDD
All external clocks stopped, IOVDD = 3.3 V
0.5
IIOVDD
All external clocks stopped, IOVDD = 1.8 V
0.5
IAVDD
Current consumption with
ADC 2-channel operating
at fS 48-kHz, PLL off
and BCLK = 512 × fS
AVDD = 3.3 V, internal AREG
11.1
mA
IAVDD
AVDD = 1.8 V, external AREG supply (AREG shorted to
AVDD)
10.5
IIOVDD
IOVDD = 3.3 V
0.1
IIOVDD
IOVDD = 1.8 V
0.05
IAVDD
Current consumption with
ADC 2-channel operating
at fS 16-kHz, PLL on and
BCLK = 256 × fS
AVDD = 3.3 V, internal AREG
11.3
mA
IAVDD
AVDD = 1.8 V, external AREG supply (AREG shorted to
AVDD)
10.6
IIOVDD
IOVDD = 3.3 V
0.05
IIOVDD
IOVDD = 1.8 V
0.02
IAVDD
Current consumption with
ADC 2-channel operating
at fS 48-kHz, PLL on
and BCLK = 256 × fS
AVDD = 3.3 V, internal AREG
12.2
mA
IAVDD
AVDD = 1.8 V, external AREG supply (AREG shorted to
AVDD)
11.6
IIOVDD
IOVDD = 3.3 V
0.1
IIOVDD
IOVDD = 1.8 V
0.05
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the AC signal input shorted to ground, measured
A-weighted over a 20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
(3)
For best distortion performance, use input AC-coupling capacitors with low-voltage coefficient.
(4)
Gain drift = gain variation (in temperature range) / typical gain value (gain at room temperature) / temperature range × 106 measured
with gain in linear scale.
(5)
Phase drift = phase deviation (in temperature range) / (temperature range).
www.ti.com
TLV320ADC3120
SBASA91A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV320ADC3120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com