Electronic Components Datasheet Search
  English  ▼

X  

ADA4255 Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 26Page - Analog Devices ADA4255 Datasheet HTML 27Page - Analog Devices ADA4255 Datasheet HTML 28Page - Analog Devices ADA4255 Datasheet HTML 29Page - Analog Devices ADA4255 Datasheet HTML 30Page - Analog Devices ADA4255 Datasheet HTML 31Page - Analog Devices ADA4255 Datasheet HTML 32Page - Analog Devices ADA4255 Datasheet HTML 33Page - Analog Devices ADA4255 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Data Sheet
ADA4255
THEORY OF OPERATION
analog.com
Rev. 0 | 30 of 64
When configured as an output, GPIO4 can be configured to output
the 1 MHz master clock or the 125 kHz chopping clock. This output
is configured via the INT_CLK_OUT bit (Register SF_CFG) and the
CLK_OUT_SEL bit (Register SYNC_CFG). When configured as an
input, GPIO4 can also accept an external clock. This function is
configured via the EXT_CLK_IN bit (Register SF_CFG).
EXCITATION CURRENTS
The ADA4255 features a configurable excitation current source,
IOUT. This current source can be used to excite external circuitry,
such as resistive bridges or RTD sensors.
The current output is controlled via the EX_CURRENT bits
(Register EX_CURRENT_CFG).
EXTERNAL CLOCK SYNCHRONIZATION
The ADA4255 uses an internal 1 MHz master clock. The master
clock is used to derive the 125 kHz chopping clock used by the
internal amplifiers and the 16 MHz clock used by the charge
pumps.
Either the 1 MHz or the 125 kHz clock can be brought out on the
GPIO4 pin to allow synchronization of external systems. Use the
following procedure to enable the external clock synchronization
feature:
1. Configure GPIO4 as an output by setting Bit 4 in the GPIO_DIR
register to 1.
2. Enable the internal oscillator output special function by setting
the INT_CLK_OUT bit to 1 and the EXT_CLK_ IN bit to 0 in the
SF_CFG register.
3. To output the 125 kHz clock, set the CLK_OUT_SEL bit in the
SYNC_CFG register to 1. To output the 1 MHz clock, set the
CLK_OUT_SEL bit to 0.
The ADA4255 can alternatively be configured to accept an external
clock on GPIO4. The ADA4255 allows external clocks ranging from
1 MHz up to 32 MHz. In the case of an external clock that is
higher than 1 MHz, the input clock must be divided down to 1 MHz
using the internal clock divider. The edge on which the ADA4255
synchronizes can also be configured.
Use the following procedure to configure the ADA4255 to accept an
external clock on GPIO4:
1. Configure GPIO4 as an input by setting Bit 4 in the GPIO_DIR
register to 0.
2. Set the EXT_CLK_IN bit to 1 and ensure that the
INT_CLK_OUT bit is set to 0 in the SF_CFG register.
3. Depending on the frequency of the input clock, configure the
internal clock divider value such that the resulting clock is 1
MHz. The internal clock divider value is controlled by the SYNC
bits in the SYNC_CFG register.
4. For synchronizing on the rising edge, set the SYNC_POL bit in
the SYNC_CFG register to 1. For synchronizing on the falling
edge, set SYNC_POL to 0.
To maintain the performance of the ADA4255, the external clock
must be in the specified range, must always be present, and must
have a duty-cycle of 50%. The quality of the clock used may affect
the device performance. Prevent any overshoot or undershoot on
the clock used, and provide an equal rise and fall to minimize the
impact on the offset voltage.
SEQUENTIAL CHIP SELECT (SCS)
SCS is one of the special functions on the ADA4255 that can
be configured on the GPIOx pins. This mode simplifies isolation
requirements by allowing multiple slave devices to communicate
over the SPI using a single host chip select (CS) line. This commu-
nication also supports cyclical redundancy check (CRC) checksums
transparently.
A GPIO is configured for SCS by first setting the GPIOx pin as
an output using the GPIO_DIR bit (Register GPIO_DIR), and then
setting the respective bit in the SCS register. Configuring a GPIOx
pin for SCS mode is blocked if the GPIOx pin is already configured
for another function from the special functions register, SF_CFG.
When using SCS, the CS signal from the SPI host controller is
provided to the CS pin of the ADA4255. The serial data input (SDI),
serial data output (SDO), and serial clock (SCLK) are shared con-
nections with other SPI devices. The ADA4255 SDO pin supports
tristate operation. Slave SDO pins can be directly connected to
SDO if the slave pins support tristate operation. For slave devices
with SDO pins that do not support tristate operation, an OR gate
can be used to combine the SDO signals. If external logic is used to
combine SDO lines, pull-down or pull-up resistors are recommend-
ed to avoid floating logic gate inputs. Figure 92 and Figure 93
show typical implementations. It is recommended to place pull-up
resistors on the GPIOx pins configured in SCS mode to prevent any
unintended communication with the slave devices when configuring
the ADA4255 in SCS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com