Electronic Components Datasheet Search
  English  ▼

X  

ADA4255 Datasheet(PDF) 36 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 32Page - Analog Devices ADA4255 Datasheet HTML 33Page - Analog Devices ADA4255 Datasheet HTML 34Page - Analog Devices ADA4255 Datasheet HTML 35Page - Analog Devices ADA4255 Datasheet HTML 36Page - Analog Devices ADA4255 Datasheet HTML 37Page - Analog Devices ADA4255 Datasheet HTML 38Page - Analog Devices ADA4255 Datasheet HTML 39Page - Analog Devices ADA4255 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Data Sheet
ADA4255
DIGITAL INTERFACE
analog.com
Rev. 0 | 36 of 64
SPI
The ADA4255 features a 4-wire SPI. This interface operates in SPI
Mode 0 and can be operated with CS tied low. In SPI Mode 0,
SCLK idles low, the falling edge of SCLK is the driving edge, and
the rising edge of SCLK is the sampling edge. This setup means
that data is clocked out on the falling (driving) edge and clocked in
on the rising (sampling) edge.
Figure 98. SPI Mode 0 SCLK Edges
ACCESSING THE ADA4255 REGISTER MAP
The ADA4255 SPI uses 16-bit instructions, plus an optional 8-bit
CRC checksum. Each instruction contains a read or write bit, a
7-bit address, 8 bits of data, and an 8-bit CRC checksum if the
SPI_CRC_ERR bit (Register DIGITAL_ERR) is configured.
Table 8. ADA4255 Instruction Format
R/W
ADDR, Bits[6:0]
Data, Bits[7:0]
CRC, Bits[7:0]
R/W determines whether a read or write operation is performed (1
means read and 0 means write). ADDR, Bits[6:0], is the register
address being read from or written to. R/W and the ADDR, Bits[6:0]
together are referred to as an 8-bit command. For write operations,
DATA, Bits[7:0], is the data being written, and CRC, Bits[7:0], is a
user provided checksum for that data.
The ADA4255 internal address counter is automatically increment-
ed after each read and/or write operation, allowing a continuous
read and/or write mode. After an initial read operation, if CS stays
low, the next 8 SCLK pulses read back the contents of the next
register address. After an initial write operation, if CS stays low, the
next 8 SCLK pulses load the data on the SDI to the next register
address.
CHECKSUM PROTECTION
The ADA4255 features a checksum mode that can be used to
improve interface robustness. Using the checksum ensures that
only valid data is written to a register and allows data read from a
register to be validated. If an error occurs during a register write,
the SPI_CRC_ERR bit (Register DIGITAL_ERR) trips and no data
is written. To ensure that a register write is successful, the register
contents can be read, and the checksum can be verified.
For CRC checksum calculations, the following polynomial is always
used:
x8 + x2 + x + 1
The SPI_CRC_ERR_DIS bit (Register DIGITAL_ERR) enables and
disables this checksum. The 8-bit checksum is appended to the
end of each read and write transaction. The checksum calculation
for the write transaction is calculated using the 8-bit command
word and the 8-bit data. For a read transaction, the checksum
is calculated using the command word and the 8-bit data output.
Figure 99 and Figure 100 show SPI write and read transactions,
respectively.
In continuous write mode, the first write command CRC is calculat-
ed as described previously in this section. Subsequent CRCs are
clocked in after every register data. The CRC in continuous write
mode is calculated based on the register value it is associated with.
In continuous read mode, the first read command CRC is calculated
as described previously. Subsequent CRCs are clocked out after
every register data. The CRC in continuous read mode is calculated
based only on the register value it is associated with. Figure 101
and Figure 102 show SPI continuous write and read transactions,
respectively.
Figure 99. Writing to a Register with CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com