Electronic Components Datasheet Search
  English  ▼

X  

ADA4255 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 3Page - Analog Devices ADA4255 Datasheet HTML 4Page - Analog Devices ADA4255 Datasheet HTML 5Page - Analog Devices ADA4255 Datasheet HTML 6Page - Analog Devices ADA4255 Datasheet HTML 7Page - Analog Devices ADA4255 Datasheet HTML 8Page - Analog Devices ADA4255 Datasheet HTML 9Page - Analog Devices ADA4255 Datasheet HTML 10Page - Analog Devices ADA4255 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Data Sheet
ADA4255
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 64
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUTS
Low (VINL)
0
0.8
V
High (VINH)
0.6 × DVDD
DVDD
V
Digital Input Pin Capacitance
5
pF
DIGITAL OUTPUT
Low (VOL)
Sinking 4 mA
0.7
V
High (VOH)
Sourcing 2 mA
DVDD − 0.8
V
INTERNAL/EXTERNAL CLOCK
Internal Clock Frequency
0.8
1
1.2
MHz
Duty Cycle
50
%
Internal Clock Divider Range
1
32
MHz/ MHz
CHARGE PUMP
VDDH Output
VDDCP = 5 V
21.8
22.3
22.8
V
TA = −40°C to +105°C
21.7
22.9
V
TA = 25°C, VDDCP = 5 V, 500 μA VDDH load
19.9
21.3
22
V
TA = −40°C to +105°C
19.8
22.1
V
VSSH Output
VDDCP = 5 V
−22.8
−21.7
−20.8
V
TA = −40°C to +105°C
−22.9
−20.7
V
TA = 25°C, VDDCP = 5 V, 500 μA VSSH load
−23
−20.6
−19.8
V
TA = −40°C to +105°C
−23.1
−19.7
V
POWER SUPPLY
VDDCP − DVSS
2.7
5
V
AVDD − AVSS
2.7
5
V
DVDD − DVSS
2.7
5
V
VDDCP Current, IVDDCP
15.6
16.75
mA
DVSS Current, IDVSS
−15.17
mA
DVDD Current, IDVDD
DVDD = 3 V
170
205
μA
AVDD Current, IAVDD
980
1305
μA
Static Power Dissipation
DVDD = 3 V, VDDCP = 5 V
83
91
mW
DVDD = 3 V, VDDCP = 2.7 V
34
53
mW
1 Guaranteed by design. These specifications are not production tested but are supported by characterization data at the initial product release.
2 For gains less than 1/2, a smaller output swing is used.
3 Only G = 1 V/V is production tested.
4 IWB means wire break current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com