Electronic Components Datasheet Search
  English  ▼

X  

ADA4255 Datasheet(PDF) 33 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 29Page - Analog Devices ADA4255 Datasheet HTML 30Page - Analog Devices ADA4255 Datasheet HTML 31Page - Analog Devices ADA4255 Datasheet HTML 32Page - Analog Devices ADA4255 Datasheet HTML 33Page - Analog Devices ADA4255 Datasheet HTML 34Page - Analog Devices ADA4255 Datasheet HTML 35Page - Analog Devices ADA4255 Datasheet HTML 36Page - Analog Devices ADA4255 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
Data Sheet
ADA4255
THEORY OF OPERATION
analog.com
Rev. 0 | 33 of 64
Table 7. Gain Calibration Register Contents1
Register
Name
G[3:0]
G4
G5
Contents
0x25
GAIN_CAL22
0b011x
0
1
Additional gain error for G = 4 V/V × 1.25 V/V or G = 8 V/V × 1.25 V/V
0x26
GAIN_CAL23
0b100x
0
1
Additional gain error for G = 16 V/V × 1.25 V/V or G = 32 V/V × 1.25 V/V
0x27
GAIN_CAL24
0b101x
0
1
Additional gain error for G = 64 V/V × 1.25 V/V or G = 128 V/V × 1.25 V/V
1 X means don’t care.
For all gains using 1 V/V scalar, calculate the gain error using the
following equation:
Gain Error = ((−1) × GAIN_CALx, Bit 4 + (100) × GAIN_CALx,
Bits[3:0]) (ppm)
For all gain values using 1.375 V/V or 1.25 V/V scalars, an addition-
al gain error (GE’) must be added, using this equation:
GE’ = Gain Error + ((−1) × GAIN_CALx, Bit 4 + (50) × GAIN_CALx,
Bits[3:0]) (ppm)
For example, assume that the ADA4255 is set to a gain of 32 V/V
and a scaling gain of 1.375 V/V. To calculate the stored gain
error, read the gain error stored in the GAIN_CAL10 register and
calculate the error in ppm. In this example, assume this readback is
10101, corresponding to a gain error of −500 ppm.
Then, read the additional gain error stored in GAIN_CAL17 and
calculate the error in ppm. In this example, assume this readback is
00010, corresponding to an additional gain error of 100 ppm. The
two errors are added to give a total gain error of −400 ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com