Electronic Components Datasheet Search
  English  ▼

X  

ADA4255 Datasheet(PDF) 32 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 28Page - Analog Devices ADA4255 Datasheet HTML 29Page - Analog Devices ADA4255 Datasheet HTML 30Page - Analog Devices ADA4255 Datasheet HTML 31Page - Analog Devices ADA4255 Datasheet HTML 32Page - Analog Devices ADA4255 Datasheet HTML 33Page - Analog Devices ADA4255 Datasheet HTML 34Page - Analog Devices ADA4255 Datasheet HTML 35Page - Analog Devices ADA4255 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Data Sheet
ADA4255
THEORY OF OPERATION
analog.com
Rev. 0 | 32 of 64
In Figure 94, five distinct CS pulses can be seen. The first CS
pulse writes 0x03 to the GPIO_DIR register to configure GPIO0 and
GPIO1 as outputs. The second CS pulse writes 0x03 to SCS to
configure GPIO0 and GPIO1 for SCS mode. The third CS pulse is
replicated on GPIO0 and communicates with the first slave device,
an ADC in this case. The fourth CS pulse is replicated on GPIO1
and communicates with the second slave device, a DAC in this
case. The fifth CS pulse communicates with the ADA4255 itself.
This pattern of communication continues in order of ADC, DAC, and
ADA4255 until SCS is changed.
Figure 94. SCS Configuration and Operation with Two Slave Devices
GAIN ERROR CALIBRATION
The ADA4255 includes measured gain errors for all 32 gain com-
binations, readable from the on-chip, read only memory (ROM).
These errors are measured at 25°C and are stored in Register
0x10 through Register 0x27 at the time of production. Using this
technology improves gain accuracy by a factor of 5, improving
system accuracy and reducing additional calibration requirements.
Each register contains five bits. MSB represents the polarity of the
error, with a setting of 1 indicating a negative polarity and a setting
of 0 indicating a positive polarity. The remaining four bits contain
the magnitude based on a LSB of 100 ppm for GAIN_CAL1 through
GAIN_CAL12 and 50 ppm for GAIN_CAL13 through GAIN_CAL24.
GAIN_CAL1 through GAIN_CAL12 directly provide the measured
gain errors of all 12 gain values with the scaling gain set to 1 V/V.
GAIN_CAL13 through GAIN_CAL24 provide additional gain error
incurred when using other scalar gains. This is tabulated in Table 7.
Table 7. Gain Calibration Register Contents1
Register
Name
G[3:0]
G4
G5
Contents
0x10
GAIN_CAL1
0b0000
0
0
Gain error for G = 1/16 V/V × 1 V/V
0x11
GAIN_CAL2
0b0001
0
0
Gain error for G = 1/8 V/V × 1 V/V
0x12
GAIN_CAL3
0b0010
0
0
Gain error for G = 1/4 V/V × 1 V/V
0x13
GAIN_CAL4
0b0011
0
0
Gain error for G = 1/2 V/V × 1 V/V
0x14
GAIN_CAL5
0b0100
0
0
Gain error for G = 1 V/V × 1 V/V
0x15
GAIN_CAL6
0b0101
0
0
Gain error for G = 2 V/V × 1 V/V
0x16
GAIN_CAL7
0b0110
0
0
Gain error for G = 4 V/V × 1 V/V
0x17
GAIN_CAL8
0b0111
0
0
Gain error for G = 8 V/V × 1 V/V
0x18
GAIN_CAL9
0b1000
0
0
Gain error for G = 16 V/V × 1 V/V
0x19
GAIN_CAL10
0b1001
0
0
Gain error for G = 32 V/V × 1 V/V
0x1A
GAIN_CAL11
0b1010
0
0
Gain error for G = 64 V/V × 1 V/V
0x1B
GAIN_CAL12
0b1011
0
0
Gain error for G = 128 V/V × 1 V/V
0x1C
GAIN_CAL13
0b000x
1
X
Additional gain error for G = 1/16 V/V × 1.375 V/V or G = 1/8 V/V × 1.375 V/V
0x1D
GAIN_CAL14
0b001x
1
X
Additional gain error for G = 1/4 V/V × 1.375 V/V or G = 1/2 V/V × 1.375 V/V
0x1E
GAIN_CAL15
0b010x
1
X
Additional gain error for G = 1 V/V × 1.375 V/V or G = 2 V/V × 1.375 V/V
0x1F
GAIN_CAL16
0b011x
1
X
Additional gain error for G = 4 V/V × 1.375 V/V or G = 8 V/V × 1.375 V/V
0x20
GAIN_CAL17
0b100x
1
X
Additional gain error for G = 16 V/V × 1.375 V/V or G = 32 V/V × 1.375 V/V
0x21
GAIN_CAL18
0b101x
1
X
Additional gain error for G = 64 V/V × 1.375 V/V or G = 128 V/V × 1.375 V/V
0x22
GAIN_CAL19
0b000x
0
1
Additional gain error for G = 1/16 V/V × 1.25 V/V or G = 1/8 V/V × 1.25 V/V
0x23
GAIN_CAL20
0b001x
0
1
Additional gain error for G = 1/4 V/V × 1.25 V/V or G = 1/2 V/V × 1.25 V/V
0x24
GAIN_CAL21
0b010x
0
1
Additional gain error for G = 1 V/V × 1.25 V/V or G = 2 V/V × 1.25 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com