| Electronic Components Datasheet Search |
|
ADA4255 Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4255 Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 64 page ![]() Data Sheet ADA4255 THEORY OF OPERATION analog.com Rev. 0 | 25 of 64 PROGRAMMABLE GAIN INSTRUMENTATION AMPLIFIER The ADA4255 is a direct current mode instrumentation amplifier implemented with zero drift amplifiers. The ADA4255 topology en- sures precision operation over temperature. Refer to the simplified architecture shown in Figure 85 to understand the following circuit description. The input multiplexer connects the inputs to Amplifier A3 and Amplifier A7, which are configured to replicate these input voltages on the RIN input resistor. The A1, A2, A5, and A6 amplifiers are configured to replicate the internal reference voltage, VREF, on R1, R2, R5, and R6, creating four nominally equal dc bias currents in the drains of M1, M2, M5, and M6. Amplifier A4 and Amplifier A8 are configured to replicate the currents in R3 and R7 in the drains of M4 and M8, respectively, forming current mirrors. When a positive voltage is applied to the ADA4255 inputs, a proportional current is conducted by RIN. The drain currents of M3 and M4 increase by this amount, and the drain currents of M7 and M8 reduce by this amount. This portion of the amplifier operates as a transconductance with differential output, each having a gain of 1/RIN. Output Amplifier A9 is configured as a transimpedance amplifier with a gain of ROUT. A9 provides a common-mode level shift to the output and produces the differential output voltage (VOUT, DIFF) as follows: VOUT, DIFF= V+IN−V−IN×ROUT×2 RIN (1) where: V+IN is the positive input voltage. V−IN is the negative input voltage. The overall gain of the ADA4255 amplifier is 2 × ROUT/RIN. The dif- ferent gain settings are achieved by internally switching in different values for ROUT and RIN. The value of RIN can be set to 12 different values via the G3 to G0 bits, resulting in 12 binary weighted input gains. The value of ROUT can also be set to three different values via G4 and G5, resulting in three output scaling gains. Table 6 shows the 36 possible gain configurations, making the ADA4255 versatile when interfacing with a wide selection of sensors and ADCs. Table 6. Possible Gain Settings Input Gain Output Scaling Gain (V/V) 1 1.25 1.375 0.0625 0.0625 0.078125 0.085938 0.125 0.125 0.15625 0.171875 0.25 0.25 0.3125 0.34375 0.5 0.5 0.625 0.6875 1 1 1.25 1.375 2 2 2.5 2.75 4 4 5 5.5 8 8 10 11 16 16 20 22 32 32 40 44 64 64 80 88 128 128 160 176 Each amplifier used in the ADA4255 uses a proprietary, zero drift architecture to ensure low offset voltage, offset voltage drift, and 1/f noise. Figure 85. Simplified ADA4255 Programmable Gain Instrumentation Amplifier Topology |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |