Electronic Components Datasheet Search
  English  ▼

X  

ADA4255 Datasheet(PDF) 62 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 56Page - Analog Devices ADA4255 Datasheet HTML 57Page - Analog Devices ADA4255 Datasheet HTML 58Page - Analog Devices ADA4255 Datasheet HTML 59Page - Analog Devices ADA4255 Datasheet HTML 60Page - Analog Devices ADA4255 Datasheet HTML 61Page - Analog Devices ADA4255 Datasheet HTML 62Page - Analog Devices ADA4255 Datasheet HTML 63Page - Analog Devices ADA4255 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
Data Sheet
ADA4255
REGISTER DETAILS
analog.com
Rev. 0 | 62 of 64
GAIN CALIBRATION REGISTERS (GAIN_CALX)
DETAILS
The gain calibration registers contain the measured gain error
of each individual ADA4255. Refer to the Gain Error Calibration
section for details on how to use these values. GAIN_CAL1 through
GAIN_CAL12 store gain error results for each input gain setting
with a scaling gain of 1 V/V. When a scaling gain of 1 V/V is used,
these gain error values are used directly. GAIN_CAL13 through
GAIN_CAL24 store any additional gain error incurred when
1.375 V/V or 1.25 V/V scaling gains are used. When scaling gains
other than 1 V/V are used, the gain error read from the appropriate
GAIN_CAL1 through GAIN_CAL12 register must be summed with
the corresponding additional gain error read from the appropriate
GAIN_CAL13 through GAIN_CAL24. For example, if the input gain
is 2 V/V and the 1.25 V/V scalar is used, the total gain error is
GAIN_CAL6 + GAIN_CAL21.
Table 36. GAIN_CAL Registers Details (Register 0x10 to Register 0x27)
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x10
GAIN_CALx
Reserved
GAIN_CAL1[4:0]
0x11
Reserved
GAIN_CAL2[4:0]
0x12
Reserved
GAIN_CAL3[4:0]
0x13
Reserved
GAIN_CAL4[4:0]
0x14
Reserved
GAIN_CAL5[4:0]
0x15
Reserved
GAIN_CAL6[4:0]
0x16
Reserved
GAIN_CAL7[4:0]
0x17
Reserved
GAIN_CAL8[4:0]
0x18
Reserved
GAIN_CAL9[4:0]
0x19
Reserved
GAIN_CAL10[4:0]
0x1A
Reserved
GAIN_CAL11[4:0]
0x1B
Reserved
GAIN_CAL12[4:0]
0x1C
Reserved
GAIN_CAL13[4:0]
0x1D
Reserved
GAIN_CAL14[4:0]
0x1E
Reserved
GAIN_CAL15[4:0]
0x1F
Reserved
GAIN_CAL16[4:0]
0x20
Reserved
GAIN_CAL17[4:0]
0x21
Reserved
GAIN_CAL18[4:0]
0x22
Reserved
GAIN_CAL19[4:0]
0x23
Reserved
GAIN_CAL20[4:0]
0x24
Reserved
GAIN_CAL21[4:0]
0x25
Reserved
GAIN_CAL22[4:0]
0x26
Reserved
GAIN_CAL23[4:0]
0x27
Reserved
GAIN_CAL24[4:0]
Access
Reserved
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com