Electronic Components Datasheet Search
  English  ▼

X  

ADA4255 Datasheet(PDF) 63 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 56Page - Analog Devices ADA4255 Datasheet HTML 57Page - Analog Devices ADA4255 Datasheet HTML 58Page - Analog Devices ADA4255 Datasheet HTML 59Page - Analog Devices ADA4255 Datasheet HTML 60Page - Analog Devices ADA4255 Datasheet HTML 61Page - Analog Devices ADA4255 Datasheet HTML 62Page - Analog Devices ADA4255 Datasheet HTML 63Page - Analog Devices ADA4255 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
Data Sheet
ADA4255
REGISTER DETAILS
analog.com
Rev. 0 | 63 of 64
TRIGGER CALIBRATION REGISTER
(TRIG_CAL) DETAILS
Table 37. TRIG_CAL Registers Details (Register 0x2A)
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit Name
Reserved
TRIG_CAL
Access
Reserved
W
Reset
Reserved
0
Bit 0, TRIG_CAL—Trigger Calibration Input
Setting TRIG_CAL to 1 initiates a calibration sequence when
scheduled calibrations are disabled via CAL_EN. The type of cali-
bration that is triggered can be configured via the CAL_SEL bits
(Register TEST_MUX). The TRIG_CAL bit is self clearing.
MASTER CLOCK COUNT REGISTER
(M_CLK_CNT) DETAILS
Table 38. M_CLK_CNT Registers Details (Register 0x2E)
Bit 7
Bit 6
Bit 5
Bit 4 Bit 3 Bit 2
Bit 1
Bit 0
Bit Name
M_CLK_CNT[7:0]
Access
R
Bits[7:0], M_CLK_CNT[7:0]—Master Clock
Count
M_CLK_CNT contains a master clock counter that increments
when M_CLK_CNT_ERR is cleared to 0. The counter is updated
every 512 µs. Setting M_CLK_CNT_ERR to 1 stops this register
from updating.
DIE REVISION IDENTIFICATION REGISTER
(DIE_REV_ID) DETAILS
Table 39. DIE_REV_ID Registers Details (Register 0x2F)
Bit 7
Bit 6
Bit 5
Bit 4 Bit 3 Bit 2
Bit 1
Bit 0
Bit Name
DIE_REV_ID[7:0]
Access
R
Reset
0
0
1
1
0
0
0
0
Bits[7:0], DIE_REV_ID[7:0]—Die Revision
Identification Number
DIE_REV_ID contains a fixed value of 0x30 that can be used to
verify the SPI communication with the ADA4255.
DEVICE IDENTIFICATION REGISTERS
(PART_ID) DETAILS
Table 40. PART_ID Registers Details (Register 0x64 through Register 0x68)1
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x64
PART_ID[39:32]
0x65
PART_ID[31:24]
0x66
PART_ID[23:16]
0x67
PART_ID[15:8]
0x68
PART_ID[7:0]
Access
R
PART_ID[39:0]—Part ID Number
The PART_ID register contains a unique device identification num-
ber that is programmed at the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com