Electronic Components Datasheet Search
  English  ▼

X  

ADA4255 Datasheet(PDF) 60 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 56Page - Analog Devices ADA4255 Datasheet HTML 57Page - Analog Devices ADA4255 Datasheet HTML 58Page - Analog Devices ADA4255 Datasheet HTML 59Page - Analog Devices ADA4255 Datasheet HTML 60Page - Analog Devices ADA4255 Datasheet HTML 61Page - Analog Devices ADA4255 Datasheet HTML 62Page - Analog Devices ADA4255 Datasheet HTML 63Page - Analog Devices ADA4255 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
Data Sheet
ADA4255
REGISTER DETAILS
analog.com
Rev. 0 | 60 of 64
Bits[3:0], TEST_MUX[3:0]—Input Test
Multiplexer Configuration
The TEST_MUX[3:0] bits are used to configure the input test
multiplexers, which can switch four different signals to either of the
inputs for diagnostic and calibration purposes. These potentials are
AVSS, DVSS, +20 mV, and −20 mV. SW_C1 and SW_C2 must also
be set to 1 for the outputs of these multiplexers to be connected to
the amplifier inputs.
Table 32. Test Multiplexer Configurations
TEST_MUX[3:0]
Noninverting Input
Inverting Input
0000
AVSS
AVSS
0001
DVSS
AVSS
0100
AVSS
DVSS
0101
DVSS
DVSS
1010
+20 mV
1111
−20 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com