Electronic Components Datasheet Search
  English  ▼

X  

ADA4255 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 24Page - Analog Devices ADA4255 Datasheet HTML 25Page - Analog Devices ADA4255 Datasheet HTML 26Page - Analog Devices ADA4255 Datasheet HTML 27Page - Analog Devices ADA4255 Datasheet HTML 28Page - Analog Devices ADA4255 Datasheet HTML 29Page - Analog Devices ADA4255 Datasheet HTML 30Page - Analog Devices ADA4255 Datasheet HTML 31Page - Analog Devices ADA4255 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Data Sheet
ADA4255
THEORY OF OPERATION
analog.com
Rev. 0 | 28 of 64
POWER SUPPLIES
The ADA4255 requires that three low voltages supplies be pow-
ered: the low voltage charge pump supply (VDDCP), the low
voltage analog output amplifier supply (AVDD), and the low voltage
digital supply (DVDD).
The low voltage charge pump supply is used internally to generate
high voltage, bipolar supplies VDDH and VSSH, which power the
input amplifier of the ADA4255. On-chip high voltage supply gener-
ation allows the ADA4255 to be isolated using only low voltage
components while maintaining high voltage, high impedance input
operation. The equations for typical VDDH and VSSH are as
follows:
VDDH = 4.65 × VDDCP − 0.9 V
VSSH = -4.65 × VDDCP + 1.6 V
VDDH and VSSH are output to pins so that the required external
decoupling capacitance can be applied. This decoupling is not
optional and is required to stabilize VDDH and VSSH. Figure 90
shows the minimum recommended 10 μF and 0.1 μF decoupling
capacitors connected to VDDH and VSSH. Up to 500 μA of addi-
tional load current can be sourced by VDDH or sunk by VSSH with
the charge pump clock at its default of 16 MHz. The charge pump
frequency can be reduced to 8 MHz, which results in lower current
consumption on VDDCP.
VSSH is connected to the substrate of the ADA4255. Therefore,
VSSH must be connected to the most negative supply voltage in
the circuit, and VSSH must not exceed AVSS. It is recommended
to use a Schottky diode to clamp VSSH to AVSS. The Schottky
diode must have a forward bias voltage of 0.3 V or lower at 1 mA
and withstand −28 V of reverse voltage. The ADA4255 monitors the
VDDH and VSSH supplies to detect if the VDDH or VSSH drops
below 8 V and sets the POR_HV flag.
The low voltage analog output amplifier supply, AVDD and AVSS,
powers the output amplifier of the ADA4255. AVSS must be within
VSSH − 0.3 V to VSSH + 30 V and VDDH – 30 V to VDDH + 0.3 V.
AVDD − AVSS is typically a 5 V single supply, compatible with most
high precision ADCs. Use 0.1 μF and 10 μF decoupling capacitors
between AVDD and AVSS as close as possible to the AVDD and
AVSS supply pins.
The digital supplies, DVDD and DVSS, power the digital circuitry
inside the ADA4255. DVSS must be the same potential as AVSS.
Use 0.1 μF and 10 μF decoupling capacitors from DVDD to DVSS
as close as possible to the DVDD and DVSS supply pins. Figure 90
shows a typical ADA4255 supply configuration. The recommended
decoupling values described in this section are minimum recom-
mendations. Depending on amplifier loading and system noise,
higher capacitance values and/or additional lower capacitor values
may improve performance.
Figure 90. Typical ADA4255 Power Supply Configuration
ESD MAP
Figure 91 shows the various ESD diode paths inside the ADA4255.
Figure 91, in conjunction with the Absolute Maximum Ratings
section, helps in understanding current paths during power-on and
fault conditions.
Figure 91. ESD Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com