Electronic Components Datasheet Search
  English  ▼

X  

ADA4255 Datasheet(PDF) 52 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 48Page - Analog Devices ADA4255 Datasheet HTML 49Page - Analog Devices ADA4255 Datasheet HTML 50Page - Analog Devices ADA4255 Datasheet HTML 51Page - Analog Devices ADA4255 Datasheet HTML 52Page - Analog Devices ADA4255 Datasheet HTML 53Page - Analog Devices ADA4255 Datasheet HTML 54Page - Analog Devices ADA4255 Datasheet HTML 55Page - Analog Devices ADA4255 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Data Sheet
ADA4255
REGISTER DETAILS
analog.com
Rev. 0 | 52 of 64
INTERNAL MUX CONTROL REGISTER
(INPUT_MUX) DETAILS
Table 19. INPUT_MUX Register Details (Register 0x06)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
Reserved
SW_A1
SW_A2
SW_B1
SW_B2
SW_C1
SW_C2
SW_D12
Access
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Reserved
1
1
0
0
0
0
0
Figure 110. Input Mux Switch Configuration
Bit 6, SW_A1, and Bit 5, SW_A2—Channel 1
Input Switches
The SW_A1 bit and the SW_A2 bit control the Channel 1 input
switches, A1 and A2, respectively (see Figure 110). Setting these
bits to 1 closes the respective switch. SW_A1 and SW_A2 cannot
be connected at the same time as SW_B1 and SW_B2, unless the
MUX_PROT_DIS bit (Register ANALOG_ERR_DIS) is set to 1.
Bit 4, SW_B1, and Bit 3, SW_B2—Channel 2
Input Switches
The SW_B1 bit and the SW_B2 bit control the Channel 2 input
switches, B1 and B2, respectively (see Figure 110). Setting these
bits to 1 closes the respective switch. SW_B1 and SW_B2 cannot
be connected at the same time as SW_A1 and SW_A2, unless the
MUX_PROT_DIS bit (Register ANALOG_ERR_DIS) is set to 1.
Bit 2, SW_C1, and Bit 1, SW_C2—PGIA Input
Test Multiplexer Switches
The SW_C1 bit and the SW_C2 bit can be set to 1 to connect either
PGIA input to the output of the input test multiplexer (which is AVSS
by default) via the C1 and C2 switches (see Figure 110).
Bit 0, SW_D12—PGIA Input Short Switch
The SW_D12 bit can be set to 1 to connect both PGIA inputs
together via the D12 switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com