Electronic Components Datasheet Search
  English  ▼

X  

ADA4255 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4255
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4255 Datasheet HTML 23Page - Analog Devices ADA4255 Datasheet HTML 24Page - Analog Devices ADA4255 Datasheet HTML 25Page - Analog Devices ADA4255 Datasheet HTML 26Page - Analog Devices ADA4255 Datasheet HTML 27Page - Analog Devices ADA4255 Datasheet HTML 28Page - Analog Devices ADA4255 Datasheet HTML 29Page - Analog Devices ADA4255 Datasheet HTML 30Page - Analog Devices ADA4255 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Data Sheet
ADA4255
THEORY OF OPERATION
analog.com
Rev. 0 | 27 of 64
Figure 87. External EMI Filter Improves Noise Rejection
INPUT AMPLIFIER
The ADA4255 input amplifier operates on internally generated high
voltage power supplies, VDDH and VSSH. On-chip charge pumps
are used by the ADA4255 to generate VDDH and VSSH from the
VDDCP supply.
The input amplifiers are internally monitored for clipping due to ex-
cessive signal swing. If excessive output swing is detected by any
part of the input amplifier (A1 to A8 in Figure 85), the INPUT_ERR
flag trips. If INPUT_ERR is tripped for more than 200 μs, the gain
settings in the GAIN_MUX register are reset to their default values
and the G_RST flag trips. By default, the G_RST event sets all
gain bits in the GAIN_MUX register to their default values, which
may also result in a MM_CRC_ERR. The gain reset function can be
disabled via the G_RST_DIS bit.
OUTPUT AMPLIFIER
The ADA4255 features a fully differential output amplifier running
from the dedicated low voltage supplies, AVDD and AVSS. Use
AVDD and AVSS in a single-supply configuration. By running the
output amplifier on low voltage supplies, circuitry connected to the
output of the ADA4255 is inherently protected. The common-mode
output voltage is set by the VOCM input voltage. VOCM has a high
input impedance and is not biased internally. VOCM also features a
29 MHz EMI filter to minimize EMI interference. Typically, VOCM is
biased to midsupply through a voltage divider between AVDD and
AVSS to allow the widest swing on the output. The output amplifier
can be set to three different scaling gains via G4 or G5: 1 V/V,
1.25 V/V, or 1.375 V/V. On power-up or soft reset, the output
amplifier scaling gain defaults to 1 V/V. The output amplifier is
monitored for clipping due to excessive signal swing. When the
output saturates to either supply, the OUTPUT_ERR flag trips.
The differential output stage of the ADA4255 allows the device
to be directly connected to high precision ADCs, such as the
AD7768 and the AD4007. When making such a connection, it
is recommended to use a low-pass filter to minimize noise and
aliasing, as shown in Figure 88. The LTC6363 is configured as a
3-pole, low-pass filter with a cutoff frequency of 40 kHz.
Figure 88. Simple Output Filter Preventing Aliasing and Filters Switching
Noise
Figure 89. LTC6363 Used as a Low-Pass Filter and Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com