Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC6948
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 24Page - Analog Devices LTC6948 Datasheet HTML 25Page - Analog Devices LTC6948 Datasheet HTML 26Page - Analog Devices LTC6948 Datasheet HTML 27Page - Analog Devices LTC6948 Datasheet HTML 28Page - Analog Devices LTC6948 Datasheet HTML 29Page - Analog Devices LTC6948 Datasheet HTML 30Page - Analog Devices LTC6948 Datasheet HTML 31Page - Analog Devices LTC6948 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC5594
32
Rev A
For more information www.analog.com
www.analog.com
ANALOG DEVICES, INC. 2018
D16967-0-6/18(A)
RELATED PARTS
TYPICAL APPLICATION
Simplified Schematic of a 0.5GHz to 9.0GHz Receiver, (Only I-Channel Is Shown)
R2
25
R4
73.2
C11
1pF
L2, 8.2nH
L1, 8.2nH
C9
1pF
C12
3pF
C6
1000pF
C2
0.2pF
R3
73.2
C10
3pF
C47
0.01µF
R32, 10
C8
1000pF
R1
49.9
C45
0.01µF
C1
1000pF
L5, 15nH
L7, 15nH
L6, 15nH
L8, 15nH
C23
2.4pF
C24
2.4pF
C21
3.9pF
C20
3.9pF
C18
3.3pF
C17
3.3pF
R9, 25
LTC5594
IFIP
IFIM
ANTI-ALIAS
FILTER
ADC
AD9208
1GHz
MIM
AIP
AIM
MIP
RFA
LOM
LOP
VCM
VREF
VIN+A
VIN–A
JESD204B
RF INPUT
0.5GHz TO 9GHz
LO INPUT
0.5GHz TO 9GHz
3GSPS 14-BIT ADC
5594 TA02
PART
NUMBER
DESCRIPTION
COMMENTS
Infrastructure
LTC5553
3GHz to 20GHz Microwave Mixer with 500MHz to 9GHz IF
Up-or-Down Conversion, 21.5dBm IIP3 at 17GHz, 0dBm LO Drive
LTC5552
3GHz to 20GHz Microwave Mixer with DC to 6GHz IF
Up-or-Down Conversion, 18.3dBm IIP3 at 17GHz, 0dBm LO Drive
LTC5549
2GHz to 14GHz Mixer with Integrated LO Doubler
Ultra-Wideband Bidirectional Up-, or Down-Conversion Mixer, 22.8dBm IIP3
at 12GHz, 0dBm LO Drive, 500MHz to 6GHz IF Bandwidth
LTC5548
2GHz to 14GHz Mixer with IF Frequency Extending to DC
Ultra-Wideband Bidirectional Up-, or Down-Conversion Mixer, 18.7dBm IIP3
at 12GHz, 0dBm LO Drive with On-Chip Frequency Doubler, DC to 6GHz IF
Bandwidth
LTC5588-1
200MHz to 6GHz Quadrature Modulator
31dBm OIP3, –160dBm/Hz Output Noise Floor, Excellent ACPR Performance
LTC6433-15 <100kHz to 1.4GHz High OIP3 Amplifier
Fixed 15dB Gain, Single-Ended 50Ω Input and Output, 41dBm OIP3 at
240MHz, 3.3dB NF
RF PLL/Synthesizer with VCO
ADF5355
Microwave Wideband Synthesizer with Integrated VCO
54MHz to 13.6GHz, –221dBc/Hz Normalized In-Band Phase Noise Floor
LTC6948
Ultralow Noise Fractional-N Synthesizer with Integrated
VCO
370MHz to 6.39GHz PLL, No ∆∑ Modulator Spurs, 18-Bit Fractional
Denominator, –226dBc/Hz Normalized In-Band Phase Noise Floor
ADCs
AD9208
14-Bit, 3Gsps JESD204B Dual ADC
70dB SFDR, Integrated Input Buffer
LTC2185
16-Bit, 125Msps 1.8V Dual ADC
76.8dB SNR, 90dB SFDR, 185mW/Channel Power Consumption
LTC2158-14 14-Bit, 310Msps 1.8V Dual ADC, 1.25GHz Full-Power
Bandwidth
68.8dB SNR, 88dB SFDR, 362mW/Ch Power Consumption, 1.32VP-P Input
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com