Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC6948
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 14Page - Analog Devices LTC6948 Datasheet HTML 15Page - Analog Devices LTC6948 Datasheet HTML 16Page - Analog Devices LTC6948 Datasheet HTML 17Page - Analog Devices LTC6948 Datasheet HTML 18Page - Analog Devices LTC6948 Datasheet HTML 19Page - Analog Devices LTC6948 Datasheet HTML 20Page - Analog Devices LTC6948 Datasheet HTML 21Page - Analog Devices LTC6948 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC5594
18
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
The LTC5594 is an IQ demodulator designed for high
dynamic range receiver applications. It consists of an RF
balun, I/Q mixers, quadrature LO amplifiers, IF amplifiers,
and correction circuitry for DC offset, image rejection,
and nonlinearity.
Operation
As shown in the Block Diagram for the LTC5594, the RF
input signal is converted to a differential signal by the
on-chip balun transformer before going to the I and Q
channel mixers.
The LO inputs are impedance matched using a program-
mablenetwork,andthenaccuratelyshiftedinphaseby90°
by an internal precision phase shifter. This phase shifter
maintains the accurate quadrature relation over the full LO
input range from 300MHz to 9GHz. In addition, the phase
shifter allows fine tuning of the phase difference between
the I- and Q-channel LO with a resolution of around 0.05
degrees to compensate for any phase mismatch between
themixersandphasemismatchintroducedintotheIFpath
by any filter component mismatch.
The differential mixer IF output signals are filtered off-chip
to remove the fRF + fLO signal and other high frequency
mixing products before being applied to the on-chip IF
amplifiers. The IF amplifiers have adjustable gain and
common mode output voltage to allow for direct interfac-
ing with A/D converters. The gain balance between both
IF output channels of the LTC5594 can be fine tuned with
a resolution of about 0.016dB in order to compensate
for gain mismatches in the IF signal path, either caused
internally by the device or by external amplifiers and fil-
ters. The DC offset in both IF channels can be adjusted in
order to minimize the accumulated DC offset at the A/D
converter input.
The IF gain, gain error and phase error adjust, DC offset
adjust, and nonlinearity adjust registers are digitally con-
trolled through a 4-wire serial interface. The register map
is detailed in the Appendix.
RF Input Port
Figure 4 shows a simplified schematic of the demodula-
tor’s RF input connected to an on-chip balun transformer.
External DC voltage should not be applied to the RF input
pin. DC current flowing into the pin may cause damage
to the chip. Series DC blocking capacitors should be
used to couple the RF input pin to the RF signal source.
As shown in Figure 5, the RF input port is well matched
with return loss greater than 10dB over the frequency
range of 500MHz to 9GHz with a 0.2pF capacitor on C2.
A 0.1pF capacitor on C3 placed 3mm away from C1 on
the 50Ω input transmission line may improve return loss
at higher frequencies. The RF pin can also be externally
matched over the 300MHz to 500MHz frequency range
by changing C2 to 6.8pF. Table 1 shows the impedance
and input reflection coefficient for the RF input with C2 =
0.2pF. The input transmission line length is de-embedded
from the measurement.
Figure 4. Simplified Schematic of the RF Input with External Matching Components
C2
C1
1000pF
C3
LTC5594
RF
Z0 = 50
INPUT
(MATCHED)
GND
VCC
L = 3mm
TL1
RF
5594 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com