Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC6948
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 2Page - Analog Devices LTC6948 Datasheet HTML 3Page - Analog Devices LTC6948 Datasheet HTML 4Page - Analog Devices LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices LTC6948 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC5594
6
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS T
C = 25°C, VCC = 5V, OVDD = EN = CSB = 3.3V, SDI = SCK = AMPD = 0V,
VCM = 0.9V, PIF = 1.5dBm (–1.5dBm/tone for 2-tone tests), PLO = 6dBm, all registers at default values, and all parameters listed for
combined performance of demodulator and amplifier unless otherwise noted. (Notes 2, 3, 6, 9, 21, 24)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Interface Pins
VIH
High Level Input Voltage
CSB, SDI, SCK
0.7 • OVDD
V
VIL
Low Level Input Voltage
CSB, SDI, SCK
0.3 • OVDD
V
VIHYS
Input Hysteresis Voltage
CSB, SDI, SCK
250
mV
IIN(SER)
Input Current
CSB, SDI, SCK (Note 19)
10
μA
VOH
High Level Output Voltage
SDO, 10mA Current Sink
0.7 • OVDD
V
VOL
Low Level Output Voltage
SDO, 10mA Current Source
0.3 • OVDD
V
Serial Interface Timing
tCKH
SCK High Time
25
ns
tCKL
SCK Low Time
25
ns
tCSS
CSB Setup Time
10
ns
tCSH
CSB High Time
10
ns
tDS
SDI to SCK Setup Time
6
ns
tDH
SDI to SCK Hold Time
6
ns
tDO
SCK to SDO Time
To VIH/VIL/Hi-Z with 30pF Load
16
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and
lifetime. The voltage on all pins should not exceed VCC + 0.3V or be less than
–0.3V, otherwise damage to the ESD diodes may occur.
Note 2: Tests are performed with the test circuit of Figure 1.
Note 3: The LTC5594 is guaranteed to be functional over the –40°C to
105°C case temperature operating range.
Note 4: DSB noise figure is measured at the baseband frequency of 15MHz
with a small-signal noise source without any filtering on the RF input and
no other RF signal applied.
Note 5: A 6.8pF shunt capacitor is used on the RF inputs for 300MHz to
500MHz. 0.2pF is used for 500MHz to 9GHz.
Note 6: The differential amplifier outputs (IFIP, IFIM and IFQP, IFQM) are
combined using a 180° combiner.
Note 7: Noise figure under blocking conditions (NFBLOCKING) is measured
at an output frequency of 60MHz with RF input signal at fLO + 1MHz. Both
RF and LO input signals are appropriately filtered, as well as the baseband
output.
Note 8: Power conversion gain is defined from the RF input to the I or Q
output. Power conversion gain is measured with a 100Ω differential load
impedance on the I and Q outputs. Any losses due to IF combiner and
spectrum analyzer termination have been de-embedded.
Note 9: Input PRF adjusted so that PIF = –1.5dBm/tone at the amplifier
output. RF tone spacing set at 4MHz with high side LO, fLO = fRF + 30MHz.
Note 10: Image rejection is measured at fIF = 12MHz and calculated from
the measured gain error and phase error.
Note 11: If the VCM pin is left floating, it will self bias to a nominal 0.9V.
Note 12: This is the recommended operating range, operation outside the
listed range is possible with degraded performance to some parameters.
Note 13: DC offset measured differentially between IFIP and IFIM and
between IFQP and IFQM. The reported value is the mean of the absolute
values of the characterization data distribution.
Note 14: IF amplitude is within 10% of final value.
Note 15: IF amplitude is at least 30dB down from its on state.
Note 16: IF outputs shorted to ground.
Note 17: IF tone spacing set at 1MHz.
Note 18: Worst case isolation measured to each IF single-ended port.
Note 19: Guaranteed by design characterization, not tested in production.
Note 20: The voltage on the OVDD pin must never exceed VCC + 0.3V,
otherwise damage to the ESD diodes may occur.
Note 21: Refer to Appendix for register definition and default values.
Note 22: Mixer outputs directly connected to amplifier inputs. Bandwidth
measured on single amplifier output, I or Q.
Note 23: VCC should be ramped up slower than 5V/ms to prevent damage.
Note 24: PIF measured at amplifier differential outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com