Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6948
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 18Page - Analog Devices LTC6948 Datasheet HTML 19Page - Analog Devices LTC6948 Datasheet HTML 20Page - Analog Devices LTC6948 Datasheet HTML 21Page - Analog Devices LTC6948 Datasheet HTML 22Page - Analog Devices LTC6948 Datasheet HTML 23Page - Analog Devices LTC6948 Datasheet HTML 24Page - Analog Devices LTC6948 Datasheet HTML 25Page - Analog Devices LTC6948 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC5594
22
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
conversion gain. To operate at lower common mode volt-
ages, a lower termination resistance can be used on each
output at the expense of conversion gain, or a negative
supply can be used at the connection of the termination
resistors. Figure 12 shows the OIP3 of the amplifier alone
with various common mode voltages.
The amplifier gain can be adjusted in eight steps of roughly
1dB from 8dB to 15dB using the AMPG register. Setting
AMPG  =  0x7 sets the gain at about 15dB and setting
AMPG = 0x0 sets the gain to about 8dB.
Figure 11. Simplified Schematic of the IF Amplifier Output with Anti-Alias Filter
Figure 12. OIP3 of Amplifier Only vs
Output Common Mode Voltage (VCM)
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
45
40
35
30
25
20
15
IF FREQUENCY (GHz)
0.5V
0.7V
0.9V
1.2V
1.5V
1.8V
2V
IF TONESPACING = 1MHz
PIF = –1.5dB/TONE
TC = 55°C
5586 F12
A typical anti-alias filter is shown in Figure 11 for interface
with an ADC. The parallel combinations of R3||R7 and
R4||R8 set the differential impedance for the ADC. The
input and output of the filter contain a common mode
terminationforhighfrequencies.TheseareformedbyC17,
C18 and 24.9Ω at the input and C23, C24 and 24.9Ω at
theoutput.Thecommonmodeterminationattheamplifier
output ensures stability and the common mode termina-
tion at the ADC input provides a termination for the high
frequency kickback from the sampling capacitors in the
ADC. Table 5 shows some typical values vs 1dB cutoff
frequency for the anti-alias filter. To optimize the flatness
and ripple of the IF band, both the IF interstage filter and
the anti-alias filter can be designed together in a simulator
including package parasitics. The additional slope due to
RF slope and HSLO or LSLO can be compensated by us-
ing this method. The layout of the anti-alias filter should
be done so that the amplifier outputs and ADC inputs are
as close as possible. This is to prevent long line lengths
from introducing additional parasitics.
LTC5594
1.5nH
1.5nH
2k
0.2pF
0.2pF
L5
2k
L6
L7
L8
C17
C18
R2
24.9
R3
68.1
R4
68.1
R5
0
C21
C20
C23
C24
R9
24.9
R7
200
R8
200
R6
0
AC CURRENT
SOURCE
PACKAGE
PARASITICS
IFIP
IFIM
VCM
GND
5TH ORDER
ANTI-ALIAS
FILTER
5594 F11
0.9V
0.9V
ZOUT = 100
+
–
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com