Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6948
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices LTC6948 Datasheet HTML 10Page - Analog Devices LTC6948 Datasheet HTML 11Page - Analog Devices LTC6948 Datasheet HTML 12Page - Analog Devices LTC6948 Datasheet HTML 13Page - Analog Devices LTC6948 Datasheet HTML 14Page - Analog Devices LTC6948 Datasheet HTML 15Page - Analog Devices LTC6948 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC5594
12
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
CC = 5V, EN = 3.3V, TC = 25°C, PLO = 6dBm,
HSLO, RF tone spacing = 4MHz, fIF = 30MHz, PIF = –1.5dBm per tone, and register defaults. DC Blocks, 50Ω terminations, and
MACOM H9 180° combiner at amplifier outputs de-embedded from measurement unless otherwise noted. Test circuit shown in
Figure 1 with 1GHz interstage filter.
0
1
2
3
4
5
6
7
8
9 10
90
80
70
60
50
40
30
20
10
0
–10
–20
RF FREQUENCY (GHz)
I
Q
5594 G46
0
1
2
3
4
5
6
7
8
9 10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
RF FREQUENCY (GHz)
5594 G47
0
1
2
3
4
5
6
7
8
9 10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
LO FREQUENCY (GHz)
5594 G48
30
32
34
36
38
40
42
100
80
60
40
20
0
OIP3 (dBm)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q,–40°C
Q, 25°C
Q, 85°C
Q, 105°C
C
fRF = 2GHz
5594 G51
0 10 20 30 40 50 60 70 80 90 100
100
80
60
40
20
0
OIP2 (dBm)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
fRF = 2GHz
5594 G52
9.5
10 10.5 11 11.5 12 12.5 13 13.5
100
80
60
40
20
0
GAIN (dB)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
fRF = 2GHz
5594 G53
10 11 12 13 14 15 16 17 18 19
100
80
60
40
20
0
NF (dB)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
fRF = 2GHz
5594 G54
Gain, IIP3, and IIP2 for
Mixer Only
RF to IF Isolation
OIP2 Distribution vs
Temperature (TC)
RF to LO Isolation
LO to IF Isolation
Conversion Gain Distribution vs
Temperature (TC)
LO to RF Leakage
OIP3 Distribution vs
Temperature (TC)
Noise Figure Distribution vs
Temperature (TC)
0
1
2
3
4
5
6
7
8
9 10
0
–10
–20
–30
–40
–50
–60
–70
–80
RF FREQUENCY (GHz)
IFQP
IFQM
IFIM
IFIP
TC = 25°C
BAND = 1
CF1 = 0
LF1 = 0
CF2 = 0
RF to IF Isolation
5594 G49
0
1
2
3
4
5
6
7
8
9 10
0
–10
–20
–30
–40
–50
–60
LO FREQUENCY (GHz)
IFQP
IFQM
IFIM
IFIP
TC = 25°C
BAND = 1
CF1 = 0
LF1 = 0
CF2 = 0
5594 G50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com