Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC6948
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 12Page - Analog Devices LTC6948 Datasheet HTML 13Page - Analog Devices LTC6948 Datasheet HTML 14Page - Analog Devices LTC6948 Datasheet HTML 15Page - Analog Devices LTC6948 Datasheet HTML 16Page - Analog Devices LTC6948 Datasheet HTML 17Page - Analog Devices LTC6948 Datasheet HTML 18Page - Analog Devices LTC6948 Datasheet HTML 19Page - Analog Devices LTC6948 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC5594
16
Rev A
For more information www.analog.com
TEST CIRCUIT
REF DES
VALUE
SIZE
VENDOR
REF DES
VALUE
SIZE
VENDOR
C1, C6, C8, C42
1000pF
0402
Murata
L1 TO L4
8.2nH
0805
Coilcraft
C2
0.2pF
0402
Murata
R1, R3, R4, R11, R12
49.9Ω
0402
C5, C7
0.3pF
0402
Murata
R5, R13
0Ω
0402
C9, C11, C13, C15
1.0pF
0201
Murata
R20
40.2kΩ
0402
C10, C12, C14, C16
3.0pF
0201
Murata
C40
1μF
0603
Murata
C43
4.7μF
0805
Murata
Figure 1. Test Circuit Schematic
C2
C1
L2
C9
C11
L1
L4
C13
C15
L3
R4
R3
R5
C40
C42
C43
C7
R1
C8
C5
C6
R20
R12
R11
R13
C14
C16
C10
C12
EN
LTC5594IUH
TEMP
GND
RF
GND
VCM
GND
GND
GND
U1
OVDD
SCK
SDI
SDO
LOM
LOP
VCC
CSB
6
5
4
3
2
1
7
8
33
RF
INPUT
OVDD
IFIM
OUTPUT
IFIP
OUTPUT
23
24
22
21
20
19
18
17
LO
INPUT
CSB
SDO
SDI
SCK
EN
TEMP
VCM
0.015"
0.015"
0.062"
RF
GND
DC
GND
NELCO N4000-13
VCC
4.75V TO 5.25V
VCC
TEMP
IFQP
OUTPUT
IFQM
OUTPUT
5594 F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com