Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC6948
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 19Page - Analog Devices LTC6948 Datasheet HTML 20Page - Analog Devices LTC6948 Datasheet HTML 21Page - Analog Devices LTC6948 Datasheet HTML 22Page - Analog Devices LTC6948 Datasheet HTML 23Page - Analog Devices LTC6948 Datasheet HTML 24Page - Analog Devices LTC6948 Datasheet HTML 25Page - Analog Devices LTC6948 Datasheet HTML 26Page - Analog Devices LTC6948 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC5594
23
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Table 5. Component Values for Anti-Alias Lowpass Filter
1dB BW
(MHz)
L5 – L8
(nH)
C17, C18
(pF)
C20, C21
(pF)
C23, C24
(pF)
20
560
56
180
82
50
240
22
68
33
100
120
12
39
22
300
33
3.9
8.2
6.8
500
22
1.8
6.8
3.3
1000
8
1.0
3.3
1.8
Tables 6 and 7 show the differential and common mode
S-parameters for the amplifier by itself with 50Ω termina-
tions on all ports. In addition, common mode terminations
were used on the input and output ports having a value of
2pF in series with 50Ω.
The common mode feedback amplifier holds the common
mode output voltage within about 20mV of the VCM pin
voltage. The VCM pin interface is shown in Figure 13. The
VCM pin should be driven by a voltage source with an
output impedance lower than 1kΩ. When the VCM pin is
unbiased, the output common mode voltage will be held
at a nominal 0.9V given by the internal voltage divider
formed by the 40k and 8k resistors. Connecting the VCM
pin to an ADC common mode reference pin allows the
output common mode voltage of the IF amplifier to track
the ADC common mode.
Table 6. IF Amplifier S-Parameters (Differential-Mode)
IF
(MHz)
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.001 0.204 –179.9 2.129 180.0 1.8e-4 164.8 0.014 178.5
100 0.203 176.0 2.154 171.9 5.4e-4 118.0 0.026 –120.9
200 0.205 172.2 2.170 163.7 1.0e-4 102.8 0.050 –112.0
300 0.207 168.5 2.197 155.6 1.7e-4 92.8 0.079 –113.5
400 0.210 164.8 2.239 147.3 2.8e-4 93.7 0.111 –118.3
500 0.215 160.9 2.292 138.8 3.2e-4 95.4 0.147 –125.0
600 0.221 157.0 2.363 130.1 4.0e-4 92.0 0.186 –132.1
700 0.227 153.0 2.445 121.2 5.0e-4 92.1 0.230 –140.0
800 0.235 149.0 2.535 112.0 5.5e-4 86.2 0.279 –148.1
900 0.242 144.6 2.642 102.0 6.9e-4 93.2 0.334 –157.0
1000 0.251 140.6 2.770 92.3 7.9e-4 92.7 0.396 –166.2
1500 0.303 117.6 3.420 32.3
0.003
92.6 0.738 134.4
2000 0.365 90.2 3.318 –45.5 0.005
33.2 0.828 70.0
2500 0.385 56.1 2.232 –105.2 0.005
–3.1 0.666 13.1
3000 0.365 16.6 2.620 –160.2 0.005 –34.2 0.488 –38.4
3500 0.319 –28.2 1.021 157.4 0.005 –61.9 0.418 –94.7
4000 0.307 –83.4 0.742 113.3 0.005 –79.5 0.409 –150.6
Table 7. IF Amplifier S-Parameters (Common Mode)
IF
(MHz)
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.001 0.184 –138.7 9.2e-4 –112.8 0.037 –65.3 0.985 179.8
100 0.186 172.5 0.085 –118.9 0.013 –68.6 0.152 126.7
200 0.188 166.6 0.173 –134.7 0.007 –91.8 0.125 116.7
300 0.191 160.2 0.237 –150.0 0.004 –113.1 0.097 97.3
400 0.196 154.4 0.291 –163.8 0.002 –145.4 0.067 75.2
500 0.202 148.4 0.340 –176.8 0.002 170.2 0.037 43.6
600 0.210 142.8 0.387 170.9 0.002 137.0 0.023 –38.0
700 0.219 137.2 0.436 159.1 0.003 118.1 0.051 –97.8
800 0.230 132.0 0.488 147.1 0.003 107.8 0.094 –121.5
900 0.243 126.5 0.550 134.9 0.004 106.6 0.148 –137.0
1000 0.252 120.9 0.612 122.2 0.006 104.8 0.211 –151.3
1500 0.325 96.7
0.981
43.4 0.020 80.4 0.749 136.1
2000 0.438 72.1
0.776 –46.1 0.036 18.6 1.005 55.9
2500 0.549 40.1
0.496 –97.1 0.041 –21.9 0.873
2.9
3000 0.601
6.9
0.397 –143.2 0.042 –52.2 0.764 –37.3
3500 0.618 –27.5 0.281 –175.7 0.044 –80.3 0.668 –72.7
4000 0.595 –60.3 0.254 147.3 0.046 –101.2 0.620 –107.0
Figure 13. Simplified Schematic of the VCM Input Pin
250
40k
8k
6.5pF
20k
LTC5594
GND
VCM
5594 F13
VCC
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com