Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6948
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 1 Page - Analog Devices

  LTC6948 Datasheet HTML 1Page - Analog Devices LTC6948 Datasheet HTML 2Page - Analog Devices LTC6948 Datasheet HTML 3Page - Analog Devices LTC6948 Datasheet HTML 4Page - Analog Devices LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC5594
1
Rev A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
300MHz to 9GHz High Linearity
I/Q Demodulator with
Wideband IF Amplifier
Direct Conversion I/Q Receiver
Gain, OIP3, and OIP2 vs
Temperature (TC) (Unoptimized)
n
5G Base Station Fronthaul/Backhaul Receivers
n
Military and Satellite Receivers
n
Point-to-Point Broadband Radios
n
High Linearity Direct Conversion I/Q SDR
n
Test Instrumentation
n
DPD Receivers
n
True Zero IF Demodulation
n
Wideband Input Matched from 500MHz to 9GHz
n
Wide IF Bandwidth: DC to 1GHz (1dB Flatness)
n
37dB Image Rejection, Adjustable to 60dB
n
High Total OIP3: 37dBm at 5.8GHz
n
58dBm OIP2 at 5.8GHz, Adjustable to 65dBm
n
Max Power Conversion Gain: 9.2dB at 5.8GHz
n
Single-Ended RF Input with On-Chip Transformer
n
User Adjustable DC Offset Null
n
Serial Interface
n
IF Amplifier Gain Adjustable in Eight Steps
n
IF Amplifier Shutdown/Enable
n
Low Power Shutdown Mode
n
Operating Temperature Range (TC): –40°C to 105°C
n
32-Lead 5mm × 5mm QFN Package
TheLTC®5594isadirectconversionquadraturedemodula-
tor optimized for high linearity zero-IF and low-IF receiver
applications in the 300MHz to 9GHz frequency range.
The very wide IF bandwidth of more than 1GHz makes
the LTC5594 particularly suited for demodulation of very
wideband signals, especially in 5G fronthaul/backhaul
receiver applications. The outstanding dynamic range of
the LTC5594 makes the device suitable for demanding
infrastructure direct conversion applications. Proprietary
technology inside the LTC5594 provides the capability
to optimize OIP2 to 65dBm, and achieve image rejection
better than 60dB. The DC offset control function allows
nulling of the DC offset at the A/D converter input, thereby
optimizing the dynamic range of true zero-IF receivers that
use DC-coupled IF signal paths. The wideband RF and LO
input ports make it possible to cover all the major wireless
infrastructure frequency bands using a single device. The
IFoutputsoftheLTC5594aredesignedtointerfacedirectly
with most common A/D converter input interfaces. The
high OIP3 and high conversion gain of the device eliminate
the need for additional amplifiers in the IF signal path.
All registered trademarks and trademarks are the property of their respective owners.
APPLICATIONS
gm
gm
0º
90º
ADC
ADC
LNA
LTC5594
fLO
SPI
IFIP
IFIM
IFQP
IFQM
RF
5594 TA01a
0
1
2
3
4
5
6
7
8
9 10
90
80
70
60
50
40
30
20
10
0
–10
RF FREQUENCY (GHz)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
OIP2
OIP3
GAIN
5594 TA01b


Similar Part No. - LTC6948

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6948 LINER-LTC6948 Datasheet
818Kb / 10P
Ultralow Noise and Spurious Fractional-N Synthesizer with Integrated VCO
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
Fractional-N Synthesizer Integrated VCO
logo
Linear Technology
LTC6948 LINER-LTC6948 Datasheet
503Kb / 36P
Ultralow Noise 0.37GHz to 6.39GHz Fractional-N Synthesizer with Integrated VCO
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
2Mb / 26P
1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
logo
Linear Technology
LTC6948 LINER-LTC6948_15 Datasheet
503Kb / 36P
Ultralow Noise 0.37GHz to 6.39GHz Fractional-N Synthesizer with Integrated VCO
More results

Similar Description - LTC6948

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
IF AMPLIFIER WITH DEMODULATOR AND AFC
Aug-1992
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
FM IF AMPLIFIER WITH DEMODULATOR
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
FM IF AMPLIFIER WITH DEMODULATOR
logo
Mini-Circuits
JCIQ-176D+ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
I&Q Demodulator
logo
M/A-COM Technology Solu...
MAMO-000900-1291LT MA-COM-MAMO-000900-1291LT Datasheet
193Kb / 7P
I/Q Modulator/Demodulator
logo
Linear Technology
LTC5586 LINER-LTC5586 Datasheet
3Mb / 34P
6GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
LTC5594 LINER-LTC5594 Datasheet
2Mb / 32P
300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
300MHz to 4GHz Active Downconverting Mixer with Wideband IF
logo
Mini-Circuits
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
I&Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com