Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC6948
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 21Page - Analog Devices LTC6948 Datasheet HTML 22Page - Analog Devices LTC6948 Datasheet HTML 23Page - Analog Devices LTC6948 Datasheet HTML 24Page - Analog Devices LTC6948 Datasheet HTML 25Page - Analog Devices LTC6948 Datasheet HTML 26Page - Analog Devices LTC6948 Datasheet HTML 27Page - Analog Devices LTC6948 Datasheet HTML 28Page - Analog Devices LTC6948 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC5594
25
Rev A
For more information www.analog.com
data is transferred to the internal register at the falling
edge of the 16th clock cycle (parallel load).
Multiple Byte Transfers
More efficient data transfer of multiple bytes is accom-
plished by using the LTC5594’s register address auto-
increment feature as shown in the timing diagram. The
serial port master sends the destination register address
in the first byte and reads or writes data in the second
byte as before, but on the third byte the address pointer
is auto-incremented by 1 and the serial port master can
read or write to subsequent registers. If the register ad-
dress pointer attempts to increment past 23 (0x17), it is
automatically reset to 0.
SDO_MODE Control Bit
The SDO output has two modes of operation as shown
in the timing diagram. When register 0x16 control bit
SDO_MODE = 0, the SDO pin functions as a normal output
which is Hi-Z during a write command. If SDO_MODE = 1,
the SDO output is put into a serial repeater mode where
SDO echos the command written to SDI before readback
of register contents either in read or write mode. This
can be used in high bus noise environments where it is
necessary to perform error checking on commands sent
to the serial port.
A simplified schematic of the SDO output is shown in
Figure 18. The OVDD supply sets the logic level of the
output, and a 25Ω series resistor limits the output current.
APPLICATIONS INFORMATION
APPLICATIONS INFORMATION
the chip that the VCC supply be brought up first before the
OVDD supply. This is to prevent the ESD diode connected
between OVDD and VCC from getting damaged.
Figure 18. Simplified Schematic of the SDO Pin Interface
SERIAL PORT
The SPI compatible serial port provides control and moni-
toring functionality.
Communication Sequence
The serial bus is comprised of CSB, SCK, SDI and SDO.
Data transfers to the part are accomplished by the
serial bus master device first taking CSB low to enable the
LTC5594’s port. Input data applied on SDI is clocked on
the rising edge of SCK, with all transfers MSB first. The
communicationburstisterminatedbytheserialbusmaster
returning CSB high. See the timing diagrams for details.
Data is read from the part during a communication burst
using SDO. Readback may be multidrop (more than one
LTC5594 or other serial device connected in parallel on
the serial bus), as SDO is high impedance (Hi-Z) when
CSB = 1.
Single Byte Transfers
The serial port is arranged as a simple memory map, with
status and control available in 23 registers as shown in
the appendix. All data bursts are comprised of at least two
8-bit bytes. The most significant bit of the first byte is the
read/write bit. Setting this bit to 1 puts the serial port into
read mode. The next 7 bits of the first byte are address bits
and can be set from 0x00 to 0x17. The subsequent byte,
or bytes, is data from/to the specified register address.
See the timing diagrams for details. Note that the written
25
LTC5594
GND
OVDD
SDO
5594 F18
VCC
Figure 17. Simplified Schematic of the OVDD Pin Interface
LTC5594
GND
OVDD
DIGITAL
INPUTS
SDO
5594 F17
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com