Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC6948
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 22Page - Analog Devices LTC6948 Datasheet HTML 23Page - Analog Devices LTC6948 Datasheet HTML 24Page - Analog Devices LTC6948 Datasheet HTML 25Page - Analog Devices LTC6948 Datasheet HTML 26Page - Analog Devices LTC6948 Datasheet HTML 27Page - Analog Devices LTC6948 Datasheet HTML 28Page - Analog Devices LTC6948 Datasheet HTML 29Page - Analog Devices LTC6948 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC5594
26
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Register Defaults
The register map and defaults are given in Tables 9 and
10 in the Appendix. When the device is powered up, the
registers may not be reset to their default values. By
writing a 1 to the SRST bit (bit[3]) of register 0x16, the
device will go into soft reset and the registers will be reset
to their default values.
Impairment Minimization
The LTC5594 contains circuitry for minimizing receiver
impairments such as DC offset, phase and gain error,
and nonlinearity. An example block diagram of a receiver
application is shown in Figure 19. A 2-tone source signal
is applied to the RF input and the I and Q ADC outputs are
measured in the digital domain to determine the optimized
register settings in the LTC5594 for minimization of the
impairments.
Figure 20 shows the nonoptimized baseband spectrum
and Figure 21 shows the optimized baseband spectrum
for a 2-tone test signal at 5.8GHz.
Figure 19. Example Block Diagram of a Receiver with 2-Tone Test Signal for Impairment Minimization
ADC
ADC
LTC5594
fLO
RF
0º
90º
SPI
LINEARITY
DC OFFSET
IMAGE
ADJUST
AD9208
ADF5355
I
Q
DSP
MEASUREMENT
AND OPTIMIZATION
2-TONE
SIGNAL
SOURCE
5594 F19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com