Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 40Page - Dialog Semiconductor DA7280 Datasheet HTML 41Page - Dialog Semiconductor DA7280 Datasheet HTML 42Page - Dialog Semiconductor DA7280 Datasheet HTML 43Page - Dialog Semiconductor DA7280 Datasheet HTML 44Page - Dialog Semiconductor DA7280 Datasheet HTML 45Page - Dialog Semiconductor DA7280 Datasheet HTML 46Page - Dialog Semiconductor DA7280 Datasheet HTML 47Page - Dialog Semiconductor DA7280 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
44 of 76
© 2019 Dialog Semiconductor
For example, assuming ACCELERATION_EN = 1, the snippet shown in Figure 25 creates a
waveform that ramps from zero to an amplitude of 1111 over a period of 2 timebases, then step from
1111 to 1000, and remains there for 4 timebases. The length (in milliseconds) of a timebase is
specified using the TIMEBASE frame bits, see Section 5.8.3.
Description
RMP
TIME[6:4]
AMP[3:0]
Ramp
1
0
0
1
1
1
1
1
Step
0
0
1
1
1
0
0
0
P1
Amplitude
Timebase
P2
1111
1000
1
2
3
4
5
6
7
Figure 25: Snippet Ramp and Step with ACCELERATION_EN = 1
If a constant drive level of longer than 8 timebases is required, set RMP = 0 for subsequent PWL
points.
A generic example of a snippet is shown in Figure 26. Pn represents the PWL pair located at
amplitude An and with time step Tn, where n represents the PWL pair number. Note that a snippet
played at the start of a non-looped sequence will start from a default point P0 set at zero amplitude;
however, if the snippet is not at the start of a sequence or is read during the looping of a sequence,
the starting point will be the last played PWL point.
P1
T1
P2
P3
P4
P5
Pn
P0
T2
T3
T4
T5
Tn
T0 = 0
Amplitude
[%]
Time
Time
P1
T1
P2
P3
P4
P5
Pn
P0
T2
T3
T4
T5
Tn
T0 = 0
Amplitude
[%]
P1
T1
P2
P3
P4
P5
Pn
P0
T2
T3
T4
T5
Tn
T0 = 0
Amplitude
[%]
RMP = 1 for all PWL points
RMP = 0 for all PWL points
Time
Figure 26: Snippet Example
Note 1
A built-in snippet containing a single silent PWL point (amplitude = 0) is available by setting
SNP_ID = 0. The duration is set to 2 timebases. Because of the existence of this snippet, customer
defined snippets start at SNP_ID = 1. The snippet is inherent to the decoding and is not actually stored
in the waveform memory. The number of snippets (byte 0) does not include snippet 0 and there is no
end pointer for snippet 0 stored in the waveform memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com