Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 64 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 64 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 60Page - Dialog Semiconductor DA7280 Datasheet HTML 61Page - Dialog Semiconductor DA7280 Datasheet HTML 62Page - Dialog Semiconductor DA7280 Datasheet HTML 63Page - Dialog Semiconductor DA7280 Datasheet HTML 64Page - Dialog Semiconductor DA7280 Datasheet HTML 65Page - Dialog Semiconductor DA7280 Datasheet HTML 66Page - Dialog Semiconductor DA7280 Datasheet HTML 67Page - Dialog Semiconductor DA7280 Datasheet HTML 68Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
64 of 76
© 2019 Dialog Semiconductor
Table 47: TOP_CTL2 (0x0023)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
OVERRIDE_
VAL
Used to set the output drive level in DRO mode. Scales the
contents of ACTUATOR_ABSMAX and/or
ACTUATOR_NOMMAX, depending on whether Active
Acceleration is enabled. See Section 5.2.4.
OVERRIDE_VAL
Value
Scaling factor
when
ACCELERATION_
EN = 0
Scaling factor
when
ACCELERATION_
EN = 1
0x7F
1
1
0x7E
0.992
0.992
...
…step of 0.008…
…step of 0.008…
0x01
0.0079
0.0079
0x00
0
0
0xFF
-0.0079
0
...
…step of 0.008…
…step of 0.008…
0x81
-1
0
0x80
-1
0
0x0
Table 48: SEQ_CTL1 (0x0024)
Bit
Mode
Symbol
Description
Reset
[2]
RW
FREQ_WAVE
FORM_TIME
BASE
Frequency waveform timebase setting for waveform memory
frames. See Section 5.8.3.
0x0
5.44, 21.76, 43.52, 87.04 ms
0x1
1.36, 5.44, 21.76, 43.52 ms
0x0
[1]
RW
WAVEGEN_
MODE
Enable bit for custom waveform operation, see Section 5.7.5.
● If WAVEGEN_MODE = 0, then set BEMF_SENSE_EN = 1
● If WAVEGEN_MODE = 1,then set BEMF_SENSE_EN = 0
0x0 = Normal wave mode (step/ramp sequences)
0x1 = Custom wave mode (sinewave sequences)
0x0
[0]
RW
SEQ_CONTI
NUE
Control for back-to-back Waveform Memory sequence playback
during RTWM and ETWM modes. If SEQ_CONTINUE = 1, new
sequence playback starts at end of current sequence. Register is
self-cleared when the next sequence is started, see Section 5.6.5.
0x0
Table 49: SWG_C1 (0x0025)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
CUSTOM_W
AVE_GEN_C
OEFF1
Coefficient1 for custom wave generation, represents a proportion
of the set IMAX, see Section 5.7.5. Default corresponds to a sine
wave.
0x00 = 0 %
0x01 = 0.4 %
…
…steps of approx. 0.4 %
0x61 = 37.9 %
...
…steps of approx. 0.4 %
0xFF = 100 %
0x61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com