Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 31Page - Dialog Semiconductor DA7280 Datasheet HTML 32Page - Dialog Semiconductor DA7280 Datasheet HTML 33Page - Dialog Semiconductor DA7280 Datasheet HTML 34Page - Dialog Semiconductor DA7280 Datasheet HTML 35Page - Dialog Semiconductor DA7280 Datasheet HTML 36Page - Dialog Semiconductor DA7280 Datasheet HTML 37Page - Dialog Semiconductor DA7280 Datasheet HTML 38Page - Dialog Semiconductor DA7280 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
35 of 76
© 2019 Dialog Semiconductor
variation for increased voltage accuracy of the drive. The result is reported to IMPEDANCE_H/L,
which can be read by the host and converted to impedance using the following formula:
�������������������������������� ������������������������������������(����������������������������) = (������������������������������������_���� × 4 + ������������������������������������_����) × 0.0625Ω
(12)
To disable this feature, set V2I_FACTOR_FREEZE and CALIB_IMPEDANCE_DIS = 1.
5.7.4
Amplitude PID
Some cylinder based ERMs generate excessively large-amplitude BEMF voltages. DA7280 can
compensate for this by reducing the drive current level, set AMP_PID_EN = 1. The result is an
improved haptic response. Figure 17 describes how the actuator voltage and current differs when
AMP_PID_EN enabled or disabled.
Time [s]
VOUT
IOUT
AMP_PID_EN = 0
Time [s]
BEMF Voltage
Time [s]
VOUT
IOUT
AMP_PID_EN = 1
Time [s]
IOUT drops automatically to compensate
BEMF and keep VOUT constant
Figure 17: Output Voltage and Current for Different AMP_PID_EN Values
Note: This is not usually required for LRAs as the amplitude of the BEMF is typically very low.
5.7.5
Wideband Operation
DA7280 natively supports wideband LRAs and allows continuous frequency updates to the output
signal while driving. Amplitude and frequency data use parallel data paths, for configuration see
Section 5.6.5. This section describes how to use the frequency component only.
For wideband operation, frequency tracking must be disabled, by setting FREQ_TRACK_EN = 0,
because drive at frequencies different from the actuator resonant frequency is required. Rapid Stop
and Active Acceleration also rely on frequency tracking so must be deactivated by setting
ACCELERATION_EN = 0 and RAPID_STOP_EN = 0. There are two ways to operate DA7280 during
wideband operation:
● In the limited frequency range of 25 Hz to 300 Hz:
○ No further settings are required in RTWM and ETWM modes if the frequency information is
already stored in the Waveform Memory frame data as described in Section 5.8.3. If the
Waveform Memory does not contain frequency information, then each sequence can be
played at a different frequency by setting LRA_PER_H and LRA_PER_L to the desired value
via the formulae in Section 5.6.2 before triggering playback using the method described in
Sections 5.6.5.4 and 5.6.5.5.
○ In the DRO and PWM modes, the frequency information can be updated via the LRA_PER_H
and LRA_PER_L using the formulae in Section 5.6.2 either before triggering playback of
each sequence, see Sections 5.6.5.2 and 5.6.5.3, or during the playback itself. As with
amplitude, the one half-period uncertainty on the output frequency update also applies.
● In the full range of 25 Hz to 1024 Hz, the same procedures apply for all modes, but the following
registers need to be set:
○ BEMF_SENSE_EN = 0
○ DELAY_H = 0
○ DELAY_SHIFT_L = 0
○ DELAY_FREEZE = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com