Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 14Page - Dialog Semiconductor DA7280 Datasheet HTML 15Page - Dialog Semiconductor DA7280 Datasheet HTML 16Page - Dialog Semiconductor DA7280 Datasheet HTML 17Page - Dialog Semiconductor DA7280 Datasheet HTML 18Page - Dialog Semiconductor DA7280 Datasheet HTML 19Page - Dialog Semiconductor DA7280 Datasheet HTML 20Page - Dialog Semiconductor DA7280 Datasheet HTML 21Page - Dialog Semiconductor DA7280 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
18 of 76
© 2019 Dialog Semiconductor
Small Solution Footprint
Available in an ultra-small 1.35 mm x 1.75 mm, 0.4 mm pitch, 0.545 mm height, 3 x 4 WLCSP, or a
3.0 mm x 3.0 mm, 0.65 mm pitch, 0.78 mm height, 12 lead QFN package, DA7280 minimizes the
required PCB size and overall solution cost. In the typical application case, only a single 100 nF
decoupling capacitor is required. See Section 9 and Section 10.
Additional Features
DA7280 also features:
● A temperature and supply stable (±1.5 %) internal oscillator which guarantees consistent haptic
playback in the frequency domain over a wide range of operating conditions.
● Automatic over-temperature warning and shutdown capability.
● Low pad leakage current (typ. < 50 nA, for all pads combined).
● Low idle current from VDDIO (typ. 130 nA at 1.8 V).
● I2C operation down to VDDIO = 1.35 V
● Output PWM frequency, at 187.5 kHz, is 167.5 kHz away from the audio band and at a non-audio
sample rate multiple. This prevents audible fold back via supply disturbance common in near-
audio-band switching haptic drivers.
● Easy to use Dialog SmartCanvas™ GUI with a user tab for fast device setup without the need to
directly interact with registers and an intuitive graphical environment for Waveform Memory
editing and visualization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com