Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 65 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 65 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 61Page - Dialog Semiconductor DA7280 Datasheet HTML 62Page - Dialog Semiconductor DA7280 Datasheet HTML 63Page - Dialog Semiconductor DA7280 Datasheet HTML 64Page - Dialog Semiconductor DA7280 Datasheet HTML 65Page - Dialog Semiconductor DA7280 Datasheet HTML 66Page - Dialog Semiconductor DA7280 Datasheet HTML 67Page - Dialog Semiconductor DA7280 Datasheet HTML 68Page - Dialog Semiconductor DA7280 Datasheet HTML 69Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
65 of 76
© 2019 Dialog Semiconductor
Table 50: SWG_C2 (0x0026)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
CUSTOM_W
AVE_GEN_C
OEFF2
Coefficient2 for custom wave generation, represents a proportion
of the set IMAX, see Section 5.7.5. Default corresponds to a sine
wave.
0x00 = 0 %
0x01 = 0.4 %
…
…steps of approx. 0.4 %
0xB4 = 70.3 %
...
…steps of approx. 0.4 %
0xFF = 100 %
0xB4
Table 51: SWG_C3 (0x0027)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
CUSTOM_W
AVE_GEN_C
OEFF3
Coefficient1 for custom wave generation, represents a proportion
of the set IMAX, see Section 5.7.5. Default corresponds to a sine
wave.
0x00 = 0 %
0x01 = 0.4 %
…
…steps of approx. 0.4 %
0xEC = 92.2 %
...
…steps of approx. 0.4 %
0xFF = 100 %
0xEC
Table 52: SEQ_CTL2 (0x0028)
Bit
Mode
Symbol
Description
Reset
[7:4]
RW
PS_SEQ_LOOP
Number of times the pre-stored sequence (pointed to by
PS_SEQ_ID) is repeated, see Section 5.6.5.
0x0 = No repetition (sequence played once)
0x1 = 1 repetition (sequence played twice)
…
…step of 1…
0xF = 15 repetitions (sequence played 16 times)
0x0
[3:0]
RW
PS_SEQ_ID
ID of pre-stored and read-back of GPI triggered sequence,
see Section 5.6.5.4.
0x0
Table 53: GPI_0_CTL (0x0029)
Bit
Mode
Symbol
Description
Reset
[6:3]
RW
GPI0_SEQUENCE_ID
GPI_0 sequence ID, see Section 5.2.7.
0x0
[2]
RW
GPI0_MODE
GPI_0 mode of operation, see Section 5.2.7.
0x0 = Single sequence
0x1 = Multi-sequence
0x0
[1:0]
RW
GPI0_POLARITY
Selection which GPI edge triggers an event:
0x0 = Rising edge
0x1 = Falling edge
0x2 = Both edges
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com