Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 45Page - Dialog Semiconductor DA7280 Datasheet HTML 46Page - Dialog Semiconductor DA7280 Datasheet HTML 47Page - Dialog Semiconductor DA7280 Datasheet HTML 48Page - Dialog Semiconductor DA7280 Datasheet HTML 49Page - Dialog Semiconductor DA7280 Datasheet HTML 50Page - Dialog Semiconductor DA7280 Datasheet HTML 51Page - Dialog Semiconductor DA7280 Datasheet HTML 52Page - Dialog Semiconductor DA7280 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
49 of 76
© 2019 Dialog Semiconductor
100 %
0
-100 %
0xF
0xE
0xD
.
.
.
0x2
0x1
0x0
N/A
N/A
N/A
.
.
.
N/A
N/A
0x7F
0x7E
0x7D
.
.
.
0x02
0x01
0x00
0xFF
0xFE
0xFD
.
.
.
0x81
0x80
PWM
[Mark / space]
DRO
MEM
FULL_BRAKE_THRS[3:0]
full brake
(only for PWM)
Drive positive direction
100%
0%
Waveform/Data source
Driving Strength in ENV GEN
[%]
Data format for ERM and LRA
ACCELERATION_EN = 1
4 bits
uns.
8 bits
2's c.
Drive negative direction
Figure 31: Overview of Data Formats with Acceleration Enabled
5.9.1
DRO Mode
DRO data is supplied from I2C and is interpreted as 8-bit two
’s complement signed number.
● For ACCELERATION_EN = 0:
○ The most negative value corresponds to -100 % driving strength.
○ The most positive value corresponds to +100 % driving strength.
○ A zero value corresponds to no drive.
○ The full range is between 127 (100 %) and -127 (-100 %), with -128 interpreted as -127 to
keep the ranges symmetrical.
● For ACCELERATION_EN = 1:
○ Negative values are omitted and substituted with zero.
○ The most positive value corresponds to +100 % driving strength.
○ Zero value corresponds to no drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com