Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 53 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 53 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 49Page - Dialog Semiconductor DA7280 Datasheet HTML 50Page - Dialog Semiconductor DA7280 Datasheet HTML 51Page - Dialog Semiconductor DA7280 Datasheet HTML 52Page - Dialog Semiconductor DA7280 Datasheet HTML 53Page - Dialog Semiconductor DA7280 Datasheet HTML 54Page - Dialog Semiconductor DA7280 Datasheet HTML 55Page - Dialog Semiconductor DA7280 Datasheet HTML 56Page - Dialog Semiconductor DA7280 Datasheet HTML 57Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
53 of 76
© 2019 Dialog Semiconductor
Consecutive (Page) Write mode, I2C_WR_MODE = 0, is supported if the master sends several data
bytes following a slave register address. The I2C control block then increments the address pointer to
the next I2C address, stores the received data and sends an Acknowledge until the master sends the
STOP condition.
S SLAVEaddr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = Not Acknowledge (NAK)
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
DATA
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 37: I2C Page Write (SDA line)
An alternative Repeated-Write mode that uses non-consecutive slave register addresses is available
using the CIF_I2C1 register. In this Repeat Mode, I2C_WR_MODE = 1, the slave can be configured
to support a host’s repeated write operations into several non-consecutive registers. Data is stored at
the previously received register address. If a new START or STOP condition occurs within a
message, the bus returns to Idle mode. This is illustrated in Figure 38.
S SLAVEaddr W A
REG addr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = Not Acknowledge (NAK)
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
REG addr
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 38: I2C Repeated Write (SDA line)
In Page mode, I2C_WR_MODE = 0, both Page mode reads and writes using auto-incremented
addresses, and Repeat mode reads and writes using non auto-incremented addresses, are
supported. In Repeat mode, I2C_WR_MODE = 1, however, only Repeat mode reads and writes are
supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com