Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 3Page - Dialog Semiconductor DA7280 Datasheet HTML 4Page - Dialog Semiconductor DA7280 Datasheet HTML 5Page - Dialog Semiconductor DA7280 Datasheet HTML 6Page - Dialog Semiconductor DA7280 Datasheet HTML 7Page - Dialog Semiconductor DA7280 Datasheet HTML 8Page - Dialog Semiconductor DA7280 Datasheet HTML 9Page - Dialog Semiconductor DA7280 Datasheet HTML 10Page - Dialog Semiconductor DA7280 Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
7 of 76
© 2019 Dialog Semiconductor
1
Terms and Definitions
BEMF
Back electromotive force
CDM
Charged device model
DMA
Dual mode actuator
DRO
Direct register override
EMI
Electromagnetic interference
ERC
Edge rate control
ERM
Eccentric rotating mass
ESD
Electrostatic discharge
ETWM
Edge triggered Waveform Memory
FET
Field-effect transistor
GND
Ground
GPI
General purpose input
Half-period
One half of the LRA resonant frequency period. For example, if fLRA = 200 Hz,
one half-period is 2.5 ms.
HBM
Human body model
IRQs
Interrupt requests
LRA
Linear resonant actuator
OTP
One time programmable
PCB
Printed circuit board
PID
Proportional-Integral-Derivative
PoR
Power-on reset
PWL
Piecewise linear
PWM
Pulse width modulated
QFN
Quad flat no leads
RC
Resistor-capacitor
RTWM
Register triggered Waveform Memory
WLCSP
Wafer level chip scale package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com