Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 25Page - Dialog Semiconductor DA7280 Datasheet HTML 26Page - Dialog Semiconductor DA7280 Datasheet HTML 27Page - Dialog Semiconductor DA7280 Datasheet HTML 28Page - Dialog Semiconductor DA7280 Datasheet HTML 29Page - Dialog Semiconductor DA7280 Datasheet HTML 30Page - Dialog Semiconductor DA7280 Datasheet HTML 31Page - Dialog Semiconductor DA7280 Datasheet HTML 32Page - Dialog Semiconductor DA7280 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
29 of 76
© 2019 Dialog Semiconductor
5.6.5.3
PWM Mode
Figure 14 shows how to operate the device in PWM mode.
1. Starting from either the IDLE or STANDBY state, apply a PWM signal to the GPI_0/PWM pin.
2. When ready to begin playback, set OPERATION_MODE = 2. The output will begin switching
after approximately 0.75 ms with a drive amplitude proportional to the duty cycle of the incoming
PWM signal.
3. While in the DRIVE state, update the duty cycle of the PWM signal to drive a new amplitude level
and create the desired envelope of the haptic sequence. If the duty cycle of the PWM signal falls
below the threshold set by FULL_BRAKE_THR, it is interpreted as a zero output drive level.
4. In order to stop driving, set OPERATION_MODE = 0. DA7280 will return to either the IDLE or
STANDBY state depending on the value of STANDBY_EN.
Note: The duty cycle of the PWM signal is interpreted differently depending on the value of
ACCELERATION_EN. If ACCELERATION_EN = 1, then zero drive corresponds to 50 % duty cycle ±
FULL_BRAKE_THR. If ACCELERATION_EN = 0, then zero drive corresponds to 0 % duty cycle +
FULL_BRAKE_THR. For further explanation, see Figure 30 and Figure 31.
I
2C write to stop driving
I
2C writes to start driving
Apply PWM signal
to GPI_0/PWM pin
Output starts
switching
Write
OPERATION_
MODE = 2
IDLE/STANDBY
DRIVE
Write
OPERATION_
MODE = 0
DA7280
stops
driving
Change the duty
cycle of the PWM
signal
Drive
amplitude
changes
Figure 14: Operation in PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com