Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 15Page - Dialog Semiconductor DA7280 Datasheet HTML 16Page - Dialog Semiconductor DA7280 Datasheet HTML 17Page - Dialog Semiconductor DA7280 Datasheet HTML 18Page - Dialog Semiconductor DA7280 Datasheet HTML 19Page - Dialog Semiconductor DA7280 Datasheet HTML 20Page - Dialog Semiconductor DA7280 Datasheet HTML 21Page - Dialog Semiconductor DA7280 Datasheet HTML 22Page - Dialog Semiconductor DA7280 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
19 of 76
© 2019 Dialog Semiconductor
5.2
Functional Modes
5.2.1
System States
DA7280 features IDLE and STANDBY states ensuring lowest power consumption and lowest start-
up latency in different operating conditions. In addition, when any fault is detected, the device returns
directly to the IDLE state. Figure 8 shows the device states and the transitions into and out of each
state.
When a power supply is applied, DA7280 loads the register default settings. Once BOOT is
complete, DA7280 remains in the IDLE state and awaits further I2C communication.
DA7280 enters the DRIVE state when playback of a haptic sequence begins. There are several
different operating modes for playback, see Section 5.2.2.
On completion of playback, DA7280 leaves DRIVE state and returns either to IDLE state (for low
power consumption) or STANDBY state (for low latency-to-drive). This is configured using
STANDBY_EN.
If a fault condition occurs, DA7280 returns to the IDLE state, see Section 5.6.6 .
IDLE
(IQ = 0.36 µA)
BOOT
Boot
complete
OFF
DRIVE
STANDBY
(IQ = 0.8 mA)
Start driving
approx. 0.75 ms
after drive request
Stop
driving
Set STANDBY_EN = 0
STANDBY_EN
0
VDD ≥ 2.7 V
1
Start driving
after approx.
0.15 ms delay
The conditions for start/
stop driving vary
depending on
OPERATION_MODE
DA7280 returns to
the IDLE state in a
fault condition
Figure 8: System State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com