Electronic Components Datasheet Search
  English  ▼

X  

DA7280 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # DA7280
Description  LRA/ERM Haptic Driver with Multiple Input Triggers, Integrated Waveform Memory and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7280 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button DA7280 Datasheet HTML 23Page - Dialog Semiconductor DA7280 Datasheet HTML 24Page - Dialog Semiconductor DA7280 Datasheet HTML 25Page - Dialog Semiconductor DA7280 Datasheet HTML 26Page - Dialog Semiconductor DA7280 Datasheet HTML 27Page - Dialog Semiconductor DA7280 Datasheet HTML 28Page - Dialog Semiconductor DA7280 Datasheet HTML 29Page - Dialog Semiconductor DA7280 Datasheet HTML 30Page - Dialog Semiconductor DA7280 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
DA7280
LRA/ERM Haptic Driver with Multiple Input Triggers,
Integrated Waveform Memory and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
27 of 76
© 2019 Dialog Semiconductor
5.6.4
Waveform Memory Setup
The Waveform Memory is initially empty. The user can create any set of haptic sequences by
following the Waveform Memory format described in Section 5.8. For ease of use, the Dialog
SmartCanvas GUI also provides a graphical tool to create sequences. The sequences can then be
uploaded to the DA7280 Waveform Memory by going through the following steps:
1. Ensure that DA7280 is in Inactive mode (no playback ongoing and at least 1.5 ms have passed
since cold boot).
2. Ensure the Waveform Memory is unlocked, set WAV_MEM_LOCK = 1.
3. Read back the location of SNP_MEM_0 by checking WAV_MEM_BASE_ADDR.
4. Write the new contents of the Waveform Memory by starting from SNP_MEM_0.
5. If desired, re-lock the Waveform Memory, set WAV_MEM_LOCK = 0.
Once the DA7280 Waveform Memory is configured, it is retained until a power-on reset event. The
host can update the Waveform Memory as many times as needed during the lifetime of the device.
5.6.5
Mode Configuration
Set OPERATION_MODE according to the operating mode to be used. The device configuration flow
is different for each operating mode. Sections 5.6.5.1 to 5.6.5.5 explain how to set up and operate
the device in each of the operating modes.
5.6.5.1
Inactive Mode
In Inactive mode, DA7280 waits in a low-power state in between playback events. For more details
on power and latency trade-offs see Sections 5.2.1 and 5.2.3.
1. Set OPERATION_MODE = 0 for DA7280 to go to Inactive mode.
2. Configure STANDBY_EN to return to IDLE or STANDBY state after playback has finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com