Electronic Components Datasheet Search
  English  ▼

X  

DS20006554A Datasheet(PDF) 24 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 24 Page - Microchip Technology

Back Button DS20006554A Datasheet HTML 20Page - Microchip Technology DS20006554A Datasheet HTML 21Page - Microchip Technology DS20006554A Datasheet HTML 22Page - Microchip Technology DS20006554A Datasheet HTML 23Page - Microchip Technology DS20006554A Datasheet HTML 24Page - Microchip Technology DS20006554A Datasheet HTML 25Page - Microchip Technology DS20006554A Datasheet HTML 26Page - Microchip Technology DS20006554A Datasheet HTML 27Page - Microchip Technology DS20006554A Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 94 page
background image
ZL30260-ZL30263
Data Sheet
24
© 2021 Microchip Technology Inc.
DS20006554A
Figure 8 - SPI Write Transaction Functional Timing
5.7.2
SPI Master (ZL30260 and ZL30262 Only)
After reset these devices can present a SPI master port on the CSN, SCLK, MOSI, and MISO pins for auto-
configuration using data read from an external SPI EEPROM. During auto-configuration the device is always the SPI
master and generates the CSN and SCLK signals. The device transmits serial data on the the MOSI (Master Out
Slave In) pin and receives serial data on the MISO (Master In Slave Out) pin.
Bit Order. The register address and all data bytes are transmitted most significant bit first on both MOSI and MISO.
Clock Polarity and Phase. The device latches data on MISO on the rising edge of SCLK and updates data on
MOSI on the falling edge of SCLK.
Device Selection. Each SPI device has its own chip-select line. To select the external EEPROM, the device drives
the CSN signal low.
Command and Address. After driving CSN low, the device transmits an 8-bit read command followed by a 16-bit
register address. The read command is shown below.
Command
Hex
Bit Order, Left to Right
Read
0x03
0000 0011
Read Transactions. After driving CSN low, the device transmits the read command followed by the 16-bit register
address. The external EEPROM then responds with the requested data byte on MISO, increments its address
counter, and prefetches the next data byte. If the device continues to demand data, the EEPROM continues to
provide the data on MISO, increment its address counter, and prefetch the following byte. The read transaction is
completed when the device drives CSN high. See Figure 6.
Writing the External EEPROM. Due to the small package size and low pin count of the device, there is no way to
use the ZL30260 or ZL30262 to write the external EEPROM. The auto-configuration data used by the ZL30260 or
ZL30262 must be pre-programmed into the EEPROM by some other method, such as:
1.
The EEPROM manufacturer can write the data to the EEPROM during production testing.
This is a service they routinely provide.
2.
A contract manufacturer or distributor can write the data to the EEPROM using a production
EEPROM programmer before the EEPROM is mounted to the board.
5.7.3
I2C Slave
The device can present a fast-mode (400kbit/s) I2C slave port on the SCL and SDA pins. I2C is a widely used
master/slave bus protocol that allows one or more masters and one or more slaves to communicate over a two-wire
serial bus. I2C masters are typically microprocessors, ASICs or FPGAs. Data transfers are always initiated by the
master, which also generates the SCL signal. The device is compliant with version 2.1 of the I2C specification.
The I2C interface on the device is a protocol translator from external I2C transactions to internal SPI transactions.
This explains the slightly increased protocol complexity described in the paragraphs that follow.
Read Transactions. The device registers are accessible when the EESEL bit is 0. On ZL30261 and ZL30263 the
internal EEPROM memory is accessible when the EESEL bit is 1. On ZL30260 and ZL30262 the EESEL bit must be
set to 0. The bus master first does an I2C write to the device. In this transaction three bytes are written: the SPI Read
CS
1
0
2
3
5
4
6
7
8
9
10
22 23 24 25 26 27 28 29 30 31
SCLK
0
0
0
0
0
0
1
0
15 14 13
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Command
16-bit Address
Data Byte 1
Data Byte n
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com